Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4261IGN Datasheet(PDF) 18 Page - Linear Technology

Part # LTC4261IGN
Description  Negative Voltage Hot Swap Controllers with ADC and I2C Monitoring
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4261IGN Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC4261IGN Datasheet HTML 14Page - Linear Technology LTC4261IGN Datasheet HTML 15Page - Linear Technology LTC4261IGN Datasheet HTML 16Page - Linear Technology LTC4261IGN Datasheet HTML 17Page - Linear Technology LTC4261IGN Datasheet HTML 18Page - Linear Technology LTC4261IGN Datasheet HTML 19Page - Linear Technology LTC4261IGN Datasheet HTML 20Page - Linear Technology LTC4261IGN Datasheet HTML 21Page - Linear Technology LTC4261IGN Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
LTC4261/LTC4261-2
18
42612fb
to turn on again immediately (without delay) unless the
overvoltage auto-retry has been disabled by clearing reg-
ister bit D0.
Undervoltage Comparator and Undervoltage Fault
The LTC4261/LTC4261-2 provide two undervoltage pins,
UVH and UVL, for adjustable UV threshold and hyster-
esis. The UVH and UVL pins have the following accurate
thresholds:
For UVH rising, VUVH(TH) = 2.56V, turn on
For UVL falling, VUVL(TH) = 2.291V, turn off
Both UVH and UVL pins have a minimum hysteresis of
δVUV (15mV typical). In either a rising or a falling input
supply, the undervoltage comparator works in such a way
that both the UVH and the UVL pins have to cross their
thresholds for the comparator output to change state.
The UVH, UVL, and OV threshold ratio is designed to
match the standard telecom operating range of 43V to
71V and UV hysteresis of 4.5V when UVH and UVL are
tied together as in Figure 1, where the built-in UV hyster-
esis referred to the UVL pin is:
ΔVUV(HYST) = VUVH(TH) – VUVL(TH) = 0.269V
Using R1 = 11.8k, R2 = 16.9k and R3 = 453k as in Figure 1
gives a typical operating range of 43.0V to 70.7V, with
an undervoltage shutdown threshold of 38.5V and an
overvoltage shutdown threshold of 72.3V.
The UV hysteresis can be adjusted by separating the
UVH and the UVL pins with a resistor RH (Figure 7). To
increase the UV hysteresis, the UVL tap should be placed
above the UVH tap as in Figure 7a. To reduce the UV hys-
teresis, place the UVL tap under the UVH tap as in Figure
7b. UV hysteresis referred to the UVL pin is given by:
for VUVL ≥
=+
V
VV
V
UVH
UVL HYST
UV HYST
,
.•
()
()
∆∆
256
R
R
RR
V
VV
H
UVH
UVL HYST
UV
12
+
<
=
or for VUVL
,
()
(
∆∆
H
HYST
H
H
V
R
RR
R
) –.
•
256
12
++
For VUVL < VUVH, the minimum UV hysteresis allowed is
the minimum hysteresis at UVH and UVL:
δVUV = 15mV
when RH(MAX) = 0.11 • (R1 + R2)
The design of the LTC4261/LTC4261-2 protects the UV
comparator from chattering even when RH is larger than
RH(MAX).
An undervoltage fault occurs when the UVL pin falls be-
low 2.291V and the UVH pin falls below 2.56V –
δVUV.
This activates the FET turn-off and sets the undervoltage
RTN – VEE
TMR
SS
GATE
VOUT
SENSE
PG
PGIO
36V
0V
2.56V
VGATEH
LOAD
LOAD
0V
0V
42612 F06
50mV
LOAD + INRUSH
FET VTH
72V
Figure 6. –36V to –72V Step Response
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com