Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4261IGN Datasheet(PDF) 15 Page - Linear Technology

Part # LTC4261IGN
Description  Negative Voltage Hot Swap Controllers with ADC and I2C Monitoring
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4261IGN Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC4261IGN Datasheet HTML 11Page - Linear Technology LTC4261IGN Datasheet HTML 12Page - Linear Technology LTC4261IGN Datasheet HTML 13Page - Linear Technology LTC4261IGN Datasheet HTML 14Page - Linear Technology LTC4261IGN Datasheet HTML 15Page - Linear Technology LTC4261IGN Datasheet HTML 16Page - Linear Technology LTC4261IGN Datasheet HTML 17Page - Linear Technology LTC4261IGN Datasheet HTML 18Page - Linear Technology LTC4261IGN Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
LTC4261/LTC4261-2
15
42612fb
6. The voltage at INTVCC is lower than 4.25V (INTVCC
undervoltage lockout).
7. VSENSE > 50mV and the condition lasts longer than
530µs (overcurrent fault).
8. The PGI pin is high when the PGI check timer expires
(power bad fault).
For conditions 1, 2, 5, 6, after the condition is cleared,
the LTC4261/LTC4261-2 will automatically enter the FET
turn-on sequence as previously described.
For any of the fault conditions 3, 4, 7, 8, the FET off
mode is programmable by the corresponding auto-retry
bit in the CONTROL register. If the auto-retry bit is set
to 0, the FET is latched off upon the fault condition. If
the auto-retry bit is set to 1, after the fault condition is
cleared, a delay timer is started. After the timer expires,
the FET enters the auto-retry mode and GATE is pulled
up. The auto-retry delay following the undervoltage fault
or the power bad fault has a duration of tD. The auto-
retry delay following the overcurrent fault has a duration
of 4tD for extra cooling time. The auto-retry following the
overvoltage fault does not have a delay. The auto-retry
control bits and their defaults at power up are listed in
Table 6. Note that the LTC4261 defaults to latch-off while
the LTC4261-2 defaults to auto-retry following the over-
current fault.
RTN_VEE
TMR
UVH
1x
START-UP DELAY
SS
GATE
VOUT
SENSE
PG
PGIO
PGI
INTERNAL
PWRGD
2x
VZ – 1.2V
1.77V
PWRGD1
DELAY
2x
PWRGD2
DELAY
4x
PGI CHECK
DELAY
50mV
INRUSH
LOAD 1
LATCHED
PWRGD1
READY
LOAD 1 + LOAD 2
PWRGD2
READY
NORMAL PGI
POWER BAD
42612 F03
Figure 3. LTC4261 Turn-On Sequence
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com