Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4301CDD Datasheet(PDF) 7 Page - Linear Technology

Part # LTC4301CDD
Description  Supply Independent Hot Swappable 2-Wire Bus Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4301CDD Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC4301CDD Datasheet HTML 3Page - Linear Technology LTC4301CDD Datasheet HTML 4Page - Linear Technology LTC4301CDD Datasheet HTML 5Page - Linear Technology LTC4301CDD Datasheet HTML 6Page - Linear Technology LTC4301CDD Datasheet HTML 7Page - Linear Technology LTC4301CDD Datasheet HTML 8Page - Linear Technology LTC4301CDD Datasheet HTML 9Page - Linear Technology LTC4301CDD Datasheet HTML 10Page - Linear Technology LTC4301CDD Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LTC4301
4301fb
Live Insertion and Capacitance Buffering Application
Figures 3 illustrates applications of the LTC4301 with
different bus pull-up and VCC voltages, demonstrating its
ability to recognize and buffer bus data levels that are
above or below its VCC supply. All of these applications
take advantage of the LTC4301’s Hot Swap
TM controlling,
capacitance buffering and precharge features. If the I/O
cards were plugged directly into the backplane without the
LTC4301 buffer, all of the backplane and card capaci-
tances would add directly together, making rise- and fall-
time requirements difficult to meet. Placing an LTC4301
APPLICATIO S I FOR ATIO
on the edge of each card, however, isolates the card
capacitance from the backplane. For a given I/O card, the
LTC4301 drives the capacitance of everything on the card
and the backplane must drive only the capacitance of the
LTC4301, which is less than 10pF.
In most applications the LTC4301 will be used with a
staggered connector where VCC and GND will be long pins.
SDA and SCL are medium length pins to ensure that the
VCC and GND pins make contact first. This will allow the
precharge circuitry to be activated on SDA and SCL before
CS
SDAIN
SCLIN
VCC
GND
SDAOUT
SCLOUT
READY
10k
10k
LTC4301
CARD_SCL
CARD_SDA
0.01
µF
10k
10k
10k
BACKPLANE
CONNECTOR
5V
3.3V
SDA
SCL
CS
SDAIN
SCLIN
VCC
GND
SDAOUT
SCLOUT
READY
10k
10k
LTC4301
CARD_SCL
CARD_SDA
0.01
µF
10k
10k
10k
BACKPLANE
CONNECTOR
3.3V
5V
SDA
SCL
CS
SDAIN
SCLIN
VCC
GND
SDAOUT
SCLOUT
READY
4301 F03
10k
2.5V
10k
LTC4301
CARD_SCL
CARD_SDA
0.01
µF
10k
10k
10k
BACKPLANE
CONNECTOR
CARD
CARD
CARD
3.3V
5V
SDA
SCL
Figure 3. Typical Supply Independent Applications
Hot Swap is a trademark of Linear Technology Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com