Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4301CDD Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4301CDD
Description  Supply Independent Hot Swappable 2-Wire Bus Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4301CDD Datasheet(HTML) 4 Page - Linear Technology

  LTC4301CDD Datasheet HTML 1Page - Linear Technology LTC4301CDD Datasheet HTML 2Page - Linear Technology LTC4301CDD Datasheet HTML 3Page - Linear Technology LTC4301CDD Datasheet HTML 4Page - Linear Technology LTC4301CDD Datasheet HTML 5Page - Linear Technology LTC4301CDD Datasheet HTML 6Page - Linear Technology LTC4301CDD Datasheet HTML 7Page - Linear Technology LTC4301CDD Datasheet HTML 8Page - Linear Technology LTC4301CDD Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LTC4301
4301fb
PI FU CTIO S
CS (Pin 1): The connection sense pin is a 1.4V threshold
digital input pin. For normal operation CS is grounded.
Driving CS above the 1.4V threshold isolates SDAIN from
SDAOUT and SCLIN from SCLOUT and asserts READY
low.
SCLOUT (Pin 2): Serial Clock Output. Connect this pin to
the SCL bus on the card.
SCLIN (Pin 3): Serial Clock Input. Connect this pin to SCL
on the bus backplane.
GND (Pin 4): Ground. Connect this pin to a ground plane
for best results.
READY (Pin 5): The READY pin is an open drain N-channel
MOSFET output which pulls down when CS is high or
when the start-up sequence described in the Operation
section has not been completed. READY goes high when
CS is low and a start-up is complete.
SDAIN (Pin 6): Serial Data Input. Connect this pin to the
SDA bus on the backplane.
SDAOUT (Pin 7): Serial Data Output. Connect this pin to
the SDA bus on the card.
VCC (Pin 8): Main Input Supply. Place a bypass capacitor
of at least 0.01
µF close to VCC for best results.
Exposed Pad (Pin 9): Exposed pad may be left open or
connected to device ground.
BLOCK DIAGRA
CONNECT PRECHARGE
CONNECT
PRECHARGE
CONNECT
CONNECT
1
R2
200k
R1
200k
R3
200k
R4
200k
PRECHARGE
LOGIC
PRECHARGE
CONNECT
95
µs
DELAY
UVLO
1.4V
CS
1.8V
3
SCLIN
6
SDAIN
1.8V
CONNECT
CONNECT
7
SDAOUT
8
VCC
2
SCLOUT
READY
5
GND
4301 BD
4
LTC4301 Supply Independent 2-Wire Bus Buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com