Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4301CDD Datasheet(PDF) 12 Page - Linear Technology

Part # LTC4301CDD
Description  Supply Independent Hot Swappable 2-Wire Bus Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4301CDD Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC4301CDD Datasheet HTML 4Page - Linear Technology LTC4301CDD Datasheet HTML 5Page - Linear Technology LTC4301CDD Datasheet HTML 6Page - Linear Technology LTC4301CDD Datasheet HTML 7Page - Linear Technology LTC4301CDD Datasheet HTML 8Page - Linear Technology LTC4301CDD Datasheet HTML 9Page - Linear Technology LTC4301CDD Datasheet HTML 10Page - Linear Technology LTC4301CDD Datasheet HTML 11Page - Linear Technology LTC4301CDD Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
LTC4301
4301fb
©LINEAR TECHNOLOGY CORPORATION 2004
LT 0806 REV B • PRINTED IN THE USA
RELATED PARTS
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
PART NUMBER
DESCRIPTION
COMMENTS
LTC1380/LTC1393
Single-Ended 8-Channel/Differential 4-Channel Analog
Low RON: 35Ω Single-Ended/70Ω Differential,
Mux with SMBus Interface
Expandable to 32 Single or 16 Differential Channels
LTC1427-50
Micropower, 10-Bit Current Output DAC
Precision 50
µA ± 2.5% Tolerance Over Temperature,
with SMBus Interface
4 Selectable SMBus Addresses, DAC Powers up at Zero or Midscale
LTC1623
Dual High Side Switch Controller with SMBus Interface 8 Selectable Addresses/16-Channel Capability
LTC1663
SMBus Interface 10-Bit Rail-to-Rail Micropower DAC
DNL < 0.75LSB Max, 5-Lead SOT-23 Package
LTC1694/LTC1694-1
SMBus Accelerator
Improved SMBus/I2C Rise-Time,
Ensures Data Integrity with Multiple SMBus/I2C Devices
LT1786F
SMBus Controlled CCFL Switching Regulator
1.25A, 200kHz, Floating or Grounded Lamp Configurations
LTC1695
SMBus/I2C Fan Speed Controller in ThinSOT
TM
0.75
Ω PMOS 180mA Regulator, 6-Bit DAC
LTC1840
Dual I2C Fan Speed Controller
Two 100
µA 8-Bit DACs, Two Tach Inputs, Four GPI0
LTC4300A-1/LTC4300A-2
Hot Swappable 2-Wire Bus Buffer
Isolates Backplane and Card Capacitances
LTC4301L
Hot Swappable 2-Wire Bus Buffer
Allows Bus Pull-Up Voltages as Low as 1V on SDAIN and SCLIN
with Low Voltage Level Translation
LTC4302-1/LTC4302-2
Addressable 2-Wire Bus Buffer
Address Expansion, GPIO, Software Controlled
ThinSOT is a trademark of Linear Technology Corporation.
TYPICAL APPLICATIO
10k
10k
5V
BACK_SCL
BACKPLANE
CONNECTOR
CARD
BACK_SDA
3.3V
10k
5V
CS
CARD_SCL
CARD_SDA
SCLOUT
SCLIN
SDAOUT
SDAIN
GND
VCC
LTC4301
READY
0.01
µF
4301 TA01
10k
10k
FROM
MICROPROCESSOR
Figure 8. System with Active Connection Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com