Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4301CDD Datasheet(PDF) 3 Page - Linear Technology

Part # LTC4301CDD
Description  Supply Independent Hot Swappable 2-Wire Bus Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4301CDD Datasheet(HTML) 3 Page - Linear Technology

  LTC4301CDD Datasheet HTML 1Page - Linear Technology LTC4301CDD Datasheet HTML 2Page - Linear Technology LTC4301CDD Datasheet HTML 3Page - Linear Technology LTC4301CDD Datasheet HTML 4Page - Linear Technology LTC4301CDD Datasheet HTML 5Page - Linear Technology LTC4301CDD Datasheet HTML 6Page - Linear Technology LTC4301CDD Datasheet HTML 7Page - Linear Technology LTC4301CDD Datasheet HTML 8Page - Linear Technology LTC4301CDD Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LTC4301
4301fb
The
● indicates specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 2.7V to 5.5V, unless otherwise noted.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input-Output Connection
VOS
Input-Output Offset Voltage
10k to VCC on SDA, SCL, VCC = 3.3V,
●
0
100
175
mV
SDA or SCL = 0.2V (Note 2)
CIN
Digital Input Capacitance SDAIN, SDAOUT,
(Note 3)
10
pF
SCLIN, SCLOUT
ILEAK
Input Leakage Current
SDA, SCL Pins
±5
µA
VOL
Output Low Voltage, Input = 0V
SDA, SCL Pins, ISINK = 3mA, VCC = 2.7V
●
0
0.4
V
Timing Characteristics
fI2C,MAX
I2C Maximum Operating Frequency
(Note 3)
400
600
kHz
tBUF
Bus Free Time Between Stop and Start
(Note 3)
1.3
µs
Condition
tHD,STA
Hold Time After (Repeated) Start Condition
(Note 3)
100
ns
tSU,STA
Repeated Start Condition Set-Up Time
(Note 3)
0
ns
tSU,STO
Stop Condition Set-Up Time
(Note 3)
0
ns
tHD,DATI
Data Hold Time Input
(Note 3)
0
ns
tSU,DAT
Data Set-Up Time
(Note 3)
100
ns
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The connection circuitry always regulates its output to a higher
voltage than its input. The magnitude of this offset voltage as a function of
the pull-up resistor and VCC voltage is shown in the Typical Performance
Characteristics section.
Note 3: Determined by design, not tested in production.
TYPICAL PERFOR A CE CHARACTERISTICS
ICC vs Temperature
Input – Output High to Low
Propagation Delay vs Temperature
Connection Circuitry VOUT – VIN
–50
–25
0
25
50
75
100
TEMPERATURE (
°C)
4301 G02
100
80
60
40
20
0
VCC = 2.7V
VCC = 3.3V
VCC = 5.5V
CIN = COUT = 100pF
RPULLUPIN = RPULLUPOUT = 10k
RPULLUP (Ω)
0
10,000
20,000
30,000
40,000
4301 G03
300
250
200
150
100
50
0
VCC = 3.3V
VCC = 5V
TA = 25°C
VIN = 0V
TEMPERATURE (
°C)
–80
4.9
4.8
4.7
4.6
4.5
4.4
4.3
4.2
4.1
4.0
3.9
–40
0
20
100
4301 G01
–60
–20
40
60
80
VCC = 5.5V
VCC = 3.3V
VCC = 2.7V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com