Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4309IGN-PBF Datasheet(PDF) 11 Page - Linear Technology

Part # LTC4309IGN-PBF
Description  Level Shifting Low Offset Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4309IGN-PBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC4309IGN-PBF Datasheet HTML 7Page - Linear Technology LTC4309IGN-PBF Datasheet HTML 8Page - Linear Technology LTC4309IGN-PBF Datasheet HTML 9Page - Linear Technology LTC4309IGN-PBF Datasheet HTML 10Page - Linear Technology LTC4309IGN-PBF Datasheet HTML 11Page - Linear Technology LTC4309IGN-PBF Datasheet HTML 12Page - Linear Technology LTC4309IGN-PBF Datasheet HTML 13Page - Linear Technology LTC4309IGN-PBF Datasheet HTML 14Page - Linear Technology LTC4309IGN-PBF Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LTC4309
11
4309fa
If the rise time accelerators are enabled, the bus pull-up
supply can be greater than or equal to VCC for the output
busses and accordingly, the input pull-up supply can
be greater than or equal to VCC2 for the input busses.
This ensures the LTC4309’s rise time accelerators do
not source current through the pull-up resistors into the
pull-up supply. If the rise time accelerator circuitries are
disabled, the bus pull-up supply can be as low as 2V for
VCC ≥ 2.9V and for VCC < 2.9V, the bus pull-up supply can
be as low as 1.7V. The bound on the lower supply limit
exists to ensure the bus signal range exceeds the logic
input threshold voltage, VTHR.
Resistor Pull-Up Value Selection
To guarantee the rise time accelerators are activated during
a rising edge, the bus must rise on its own with a positive
slew rate of at least 0.8V/μs. To achieve this, choose a
maximum resistor value RPULLUP using the formula:
RPULLUP
(VBUS(MIN) – 0.8V)•1250
ns
V
CBUS
Where RPULLUP is the pull-up resistor value in kilo ohms,
VBUS(MIN) is the minimum bus pull-up supply voltage and
CBUS is the equivalent bus capacitance in pico-Farads
(pF).
To estimate the value of CBUS, use a general rule of 20pF
of capacitance per device on the bus (10pF for the device
and 10pF for interconnect).
In addition, RPULLUP must be strong enough to overcome
the precharge voltage and provide logic highs on SDAOUT
and SCLOUT for the start-up and connection circuitry to
connect the backplane to the card. Regardless of the bus
capacitance, always choose
RPULLUP
VBUS(MAX) –VTHR
100
μA
to the pull-up impedance, multiple LTC4309 buffers can
be used in a single system. This allows the user to divide
the line and device capacitances into more sections with
buffering and meet rise and fall times.
The LTC4309 disconnects when both bus I/O’s are above
0.48V and rising. In systems with large ground bounce,
if many devices are cascaded, the 0.48V threshold can be
exceeded, and the transients associated with the ground
bounce can appear to be a rising edge. Under this condition,
the LTC4309 with inputs above 0.48V may disconnect.
Level Shifting Applications
Systems requiring different supply voltages for the
backplane side and the card side can use the LTC4309
for bidirectional level shifting, as shown in Figure 6. The
LTC4309 can level shift between bus pull-up supplies as
low as 1.7V, with the accelerators disabled, to as high as
5.5V. Level shifting allows newer designs that require low
voltage supplies, such as EEPROMs and microcontrollers,
the capability to interface with legacy backplanes which
may be operating at higher supply voltages.
Systems with Supply Voltage Droop
In large 2-wire systems, the supply voltages seen by devices
at various points in the system can differ by a few hundred
millivolts or more. For proper operation, make sure that
the VCC2(LTC4309) is ≥ 1.8V, and VCC(LTC4309) ≥ 2.3V.
Additional Pull-Up Supply Options
In typical applications, a pull-up resistor connected from
the LTC4309’s bus output pins to VCC and bus input pins
to VCC2 or VCC, if VCC2 is grounded, is sufficient. However,
for unique applications, additional flexibility is available for
bus pull-up supplies other than VCC or VCC2. One example
is shown in Figure 8. The expanded bus pull-up range is
dependent on the user configuration of the rise time ac-
celerators and the supply voltage, VCC.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com