Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4309IGN-PBF Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4309IGN-PBF
Description  Level Shifting Low Offset Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4309IGN-PBF Datasheet(HTML) 4 Page - Linear Technology

  LTC4309IGN-PBF Datasheet HTML 1Page - Linear Technology LTC4309IGN-PBF Datasheet HTML 2Page - Linear Technology LTC4309IGN-PBF Datasheet HTML 3Page - Linear Technology LTC4309IGN-PBF Datasheet HTML 4Page - Linear Technology LTC4309IGN-PBF Datasheet HTML 5Page - Linear Technology LTC4309IGN-PBF Datasheet HTML 6Page - Linear Technology LTC4309IGN-PBF Datasheet HTML 7Page - Linear Technology LTC4309IGN-PBF Datasheet HTML 8Page - Linear Technology LTC4309IGN-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC4309
4
4309fa
TIMING DIAGRAMS
ENABLE and READY Timing
tPLH_EN
ENABLE
CONNECT
READY
tPLH_READY
tPHL_READY
tPHL_EN
4309 TD01
SDA/SCL Propagation Delays, Rise and Fall Times
tPLH
SDAIN/SCLIN
SDAOUT/SCLOUT
tPHL
tRISE
tFALL
tRISE
tFALL
4309 TD02
Figure 1. Timing Diagrams
SYMBOL
PARAMETER
CONDITIONS
MIN TYP MAX UNITS
VTHR(HYST)
SDA, SCL Logic Input Threshold Voltage
Hysteresis
(Note 3)
50
mV
CIN
Digital Input Capacitance SDAIN,
SDAOUT, SCLIN, SCLOUT
(Note 3)
10
pF
ILEAK
Input Leakage Current
SDA, SCL, ACC, DISCEN Pins
l
±5
μA
VOL
Output Low Voltage
SDA, SCL Pins, ISINK = 4mA, Driven SDA/SCL = 0.2V, VCC =
VCC2 = 2.7V
l
0
0.4
V
2.7k to VCC on SDA, SCL, Driven SDA/SCL = 0.1V,
VCC = VCC2 = 3.3V
l 120 170 205
mV
VILMAX
Buffer Input Logic Low Voltage
l
1.2
V
Bus Stuck Low Timeout
tTIMEOUT
Bus Stuck Low Timer
SDAOUT, SCLOUT = OV
l
25
30
35
ms
VOL_FAULT
FAULT Output Low Voltage
IFAULT = 3mA
l
0.4
V
IOFF_FAULT
FAULT Off Leakage Current
l
0.1
±5
μA
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 3.3V, VCC2 = 3.3V, unless otherwise noted.
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Test performed with connection circuity active.
Note 3: Determined by design, not subject to test.
Note 4: For larger equivalent bus capacitance, the skew increases, and
setup and hold times must be adjusted accordingly. Please see the
Operation Section of the datasheet.
Note 5: Measure points are 0.3 • VCC and 0.7 • VCC.
Note 6: All currents into pins are positive, all voltages are referenced to
GND, unless otherwise specified.
Note 7: IPULLUPAC varies with temperature and VCC voltage as shown in the
Typical Performance Characteristics section.
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com