Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4309IGN-PBF Datasheet(PDF) 16 Page - Linear Technology

Part # LTC4309IGN-PBF
Description  Level Shifting Low Offset Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4309IGN-PBF Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC4309IGN-PBF Datasheet HTML 8Page - Linear Technology LTC4309IGN-PBF Datasheet HTML 9Page - Linear Technology LTC4309IGN-PBF Datasheet HTML 10Page - Linear Technology LTC4309IGN-PBF Datasheet HTML 11Page - Linear Technology LTC4309IGN-PBF Datasheet HTML 12Page - Linear Technology LTC4309IGN-PBF Datasheet HTML 13Page - Linear Technology LTC4309IGN-PBF Datasheet HTML 14Page - Linear Technology LTC4309IGN-PBF Datasheet HTML 15Page - Linear Technology LTC4309IGN-PBF Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
LTC4309
16
4309fa
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2006
LT 0108 REV A • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LTC1380/LTC1393
Single-Ended 8-Channel/Differential 4-Channel Analog
MUX with SMBus Interface
Low RON: 35Ω Single Ended/70Ω Differential, Expandable to 32
Single or 16 Differential Channels
LTC1427-50
Micropower, 10-Bit Current Output DAC with SMBus
Interface
Precision 50uA+/–2.5% Tolerance Over Temperature, 4 Selectable
SMBus Addresses, DAC Powers up at Zero or Midscale
LTC1623
Dual High Side Switch Controller with SMBus Interface
8 Selectable Addresses/16 Channel Capability
LTC1663
SMBus Interface 10-Bit Rail to Rail Micropower DAC
DNL < 0.75 LSB Max, 5-Lead SOT-23 Package
LTC1694/LTC1694-1
SMBus Accelerator
Improved SMBus/I2C Rise-Time, Ensures Data Integrity with Multiple
SMBus/I2C Devices
LTC1695
SMBus/I2C Fan Speed Controller in ThinSOT™
0.75Ω PMOS 180mA Regulator, 6-Bit DAC
LT1786F
SMBus Controlled CCFL Switching Regulator
1.25A, 200kHz, Floating or Grounded Lamp Configurations
LTC1840
Dual I2C Fan Speed Controller
Two 100μA 8-Bit DACs, Two Tach Inputs, Four GPIO
LTC4300A-1/
LTC4300A-2/
LTC4300A-3
Hot Swappable 2-Wire Bus Buffers
–1: Bus Buffer with READY, ACC and ENABLE
–2: Dual Supply Bus Buffer with READY and ACC
–3: Dual Supply Bus Buffer with READY and ENABLE
LTC4301
Supply Independent Hot Swappable 2-Wire Bus Buffer
Supply Independent
LTC4301L
Hot Swappable 2-Wire Bus Buffer with Low Voltage Level
Translation
Allows Bus Pull-Up Voltages as Low as 1V on SDAIN and SCLIN
LTC4302-1/
LTC4302-2
Addressable 2-Wire Bus Buffer
Address Expansion, GPIO, Software Controlled
LTC4303
LTC4304
Hot Swappable 2-Wire Bus Buffer with Stuck Bus
Recovery
Provides Automatic Clocking to Free Stuck I2C Busses
LTC4305
LTC4306
2 or 4-Channel, 2 Wire Bus Multiplexers with Capacitance
Buffering
2 or 4 Selectable Downstream Busses, Stuck Bus Disconnect, Rise
Time Accelerators, Fault Reporting, ± 10kV HBM ESD Tolerance
LTC4307
Low Offset Hot Swappable 2-Wire Bus Buffer with Stuck
Bus Recovery
60mV Buffer Offset, 30ms Stuck Bus Disconnect and Recovery, Rise
Time Accelerators, ± 5kV HBM ESD Tolerance
LTC4307-1
High Definition Multimedia Interface (HDMI) Level Shifting
2-Wire Bus Buffer
60mV Buffer Offset, 3.3V to 5V Level Shifting,
± 5kV HBM ESD Tolerance
4309 F07
SDAIN
SCLIN
DISCEN
ENABLE
READY
FAULT
SDAOUT
SCLOUT
C2
0.01 F
C1
0.01 F
LTC4309
VCC
VCC2
GND
5V
3.3V
SDA2
SCL2
SDA1
SCL1
R4
10k
R5
10k
R3
10k
R6
10k
R1
10k
R2
10k
ACC
5V to 3.3V Level Translator
ThinSOT is a trademark of Linear Technology Corporation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com