Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4309IGN-PBF Datasheet(PDF) 5 Page - Linear Technology

Part # LTC4309IGN-PBF
Description  Level Shifting Low Offset Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4309IGN-PBF Datasheet(HTML) 5 Page - Linear Technology

  LTC4309IGN-PBF Datasheet HTML 1Page - Linear Technology LTC4309IGN-PBF Datasheet HTML 2Page - Linear Technology LTC4309IGN-PBF Datasheet HTML 3Page - Linear Technology LTC4309IGN-PBF Datasheet HTML 4Page - Linear Technology LTC4309IGN-PBF Datasheet HTML 5Page - Linear Technology LTC4309IGN-PBF Datasheet HTML 6Page - Linear Technology LTC4309IGN-PBF Datasheet HTML 7Page - Linear Technology LTC4309IGN-PBF Datasheet HTML 8Page - Linear Technology LTC4309IGN-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LTC4309
5
4309fa
ICC Enabled Current vs
Temperature
ICC Disabled Current vs
Temperature
ICC2 Enabled Current vs
Temperature
ICC2 Disabled Current vs
Temperature
Offset Voltage vs Pull-Up
Resistance
Input-Output High to Low
Propagation Delay vs Temperature
TA = 25°C, VCC = 3.3V, VCC2 = 3.3V unless
otherwise noted.
TEMPERATURE ( C)
–50
6.5
7
7.5
25
75
4309 G02
6
5.5
5
–25
0
50
8
100
VCC = 5.5V
VCC = 3.3V
VCC = 2.3V
TEMPERATURE (°C)
–50
0
4
8
12
–25
0
25
50
4309 G03
75
16
20
100
VCC = 5.5V
VCC = 3.3V
TEMPERATURE ( C)
–50
100
120
140
160
180
–25
0
25
50
4309 G04
75
200
220
100
VCC = 5.5V
VCC = 3.3V
VCC = 2.3V
Input-Output High to Low Propagation
Delay vs Output Capacitance
OUTPUT CAPACITANCE (pF)
0
90
70
100
110
120
130
140
150
160
80
200
400
600
800
4309 G08
1000
CIN = 50pF
RPULLUPIN = 2.7k
RPULLUPOUT = 2.7k
VCC = 5.5V
VCC = 3.3V
VCC = 2.3V
TEMPERATURE ( C)
–50
90
100
110
120
130
140
160
–25
025
50
4309 G05
75
100
VCC = 5.5V
VCC = 3.3V
VCC = 2.3V
PULL-UP RESISTANCE (kΩ)
0
50
58
70
62
66
54
46
4309 G09
2
8
10
VOL = 0.1V
CIN = COUT = 50pF
RPULLUPIN = 2.7kΩ
TEMPERATURE (°C)
–50
140
120
110
100
90
80
70
60
50
75
4309 G06
–25
0
25
100
CIN = COUT = 50pF
RPULLUPIN = RPULLUPOUT = 2.7kΩ
VCC = 5.5V
VCC = 3.3V
130
VCC = 2.3V
Boost Pull-Up Current vs
Temperature
TEMPERATURE (°C)
–50
30
25
20
15
10
5
0
50
75
4309 G07
–25
0
25
100
CIN = 50pF
COUT = 1nF
RPULLUPIN = RPULLUPOUT = 2.7kΩ
VCC = 5.5V
VCC = 3.3V
VCC = 2.3V
TYPICAL PERFORMANCE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com