Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4355 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC4355
Description  Positive High Voltage Ideal Diode-OR with Input Supply and Fuse Monitors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4355 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC4355 Datasheet HTML 5Page - Linear Technology LTC4355 Datasheet HTML 6Page - Linear Technology LTC4355 Datasheet HTML 7Page - Linear Technology LTC4355 Datasheet HTML 8Page - Linear Technology LTC4355 Datasheet HTML 9Page - Linear Technology LTC4355 Datasheet HTML 10Page - Linear Technology LTC4355 Datasheet HTML 11Page - Linear Technology LTC4355 Datasheet HTML 12Page - Linear Technology LTC4355 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LTC4355

4355fa
applicaTions inForMaTion
System Power Supply Failure
The LTC4355 automatically supplies load current from
the system input supply with the higher voltage. If this
supply shorts to ground, reverse current begins to flow
through the pass transistor temporarily and the transis-
tor begins to turn off. When this reverse current creates
–25mV of voltage drop across the drain and source pins
of the pass transistor, a fast pulldown circuit engages to
drive the gate low faster.
The remaining system power supply delivers the load cur-
rent through the body diode of its pass transistor until the
channel turns on. The LTC4355 ramps the gate up with
20µA, turning on the N-channel MOSFET to reduce the
voltage drop across it.
When the capacitances at the inputs and output are very
small, large changes in current can cause inductive tran-
sients that exceed the 100V Absolute Maximum Ratings
of the pins. A surge suppressor (TransZorb) at the output
will minimize this ringing.
Loop Stability
The servo loop is compensated by the parasitic capaci-
tance of the power N-channel MOSFET. No further com-
pensation components are normally required. In the case
when a MOSFET with less than 1000pF gate capacitance
is chosen, a 1000pF compensation capacitor connected
across the gate and source pins might be required.
Design Example
The following design example demonstrates the calcula-
tions involved for selecting components in a 36V to 72V
system with 5A maximum load current (see Figure 1).
First, choose the N-channel MOSFET. The 100V, FDS3672
in the SO-8 package with RDS(ON) = 22mW(max) offers a
good solution. The maximum voltage drop across it is:
DV = 5A • 22mW = 110mV
The maximum power dissipation in the MOSFET is a mere:
P = 5A • 110mV = 0.55W
Next, select the resistive dividers that guarantee the
PWRFLT pins willl not assert when the input supplies are
above 36V. The maximum VMONx(TH) is 1.245V and the
maximumIMONx(IN)is1µA.Choosea1%toleranceresistor
R1 = 12.7k
W. Then,
I
V
R MIN
I
V
R
MONx TH
MONx TH MAX
2
1
1 245
1
=
+
=
( )
( )(
)
(
)
.
22 7
1
1
100
.
( %)
k
A
A
W −
+
=
µ
µ
Use IR2 to choose R2.
R
V
V
A
k
2
36
1 245
100
348
=
−
=
.
µ
W
4355 F01
LTC4355
GND
GATE1
GATE2
IN1
OUT
IN2
MON1
MON2
SET
R1
12.7k
R2
340k
R3
12.7k
R4
340k
R5
33k
R7
33k
R9
33k
R6
33k
R8
33k
D1
D3
D2
D4
D5
GND
M1
FDS3672
M2
FDS3672
TO
LOAD
VIN1 = +48V
VIN2 = +48V
VDSFLT
FUSEFLT1
FUSEFLT2
PWRFLT1
PWRFLT2
F1
7A
F2
7A
GREEN LEDs
PANASONIC LN1351C
Figure 1. 36V to 72V/5A Design Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com