Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4355 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4355
Description  Positive High Voltage Ideal Diode-OR with Input Supply and Fuse Monitors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4355 Datasheet(HTML) 1 Page - Linear Technology

  LTC4355 Datasheet HTML 1Page - Linear Technology LTC4355 Datasheet HTML 2Page - Linear Technology LTC4355 Datasheet HTML 3Page - Linear Technology LTC4355 Datasheet HTML 4Page - Linear Technology LTC4355 Datasheet HTML 5Page - Linear Technology LTC4355 Datasheet HTML 6Page - Linear Technology LTC4355 Datasheet HTML 7Page - Linear Technology LTC4355 Datasheet HTML 8Page - Linear Technology LTC4355 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC4355

4355fa
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
Typical applicaTion
FeaTures
applicaTions
DescripTion
Positive High Voltage
Ideal Diode-OR with Input Supply
and Fuse Monitors
TheLTC®4355isapositivevoltageidealdiode-ORcontroller
that drives two external N-channel MOSFETs. Forming the
diode-OR with N-channel MOSFETs instead of Schottky
diodes reduces power consumption, heat dissipation and
PC board area.
With the LTC4355, power sources can easily be ORed
together to increase total system reliability. The LTC4355
can diode-OR two positive supplies or the return paths of
two negative supplies, such as in a –48V system.
In the forward direction the LTC4355 controls the voltage
dropacrosstheMOSFETtoensuresmoothcurrenttransfer
from one path to the other without oscillation. If a power
source fails or is shorted, fast turnoff minimizes reverse
current transients.
Power fault detection indicates if the input supplies are
not in regulation, the inline fuses are blown, or the
voltages across the MOSFETs are greater than the fault
threshold.
+48V Diode-OR
■
Replaces Power Schottky Diodes
■
Controls N-Channel MOSFETs
■
0.5µs Turn-Off Time Limits Peak Fault Current
■
Wide Operating Voltage Range: 9V to 80V
■
Smooth Switchover without Oscillation
■
No Reverse DC Current
■
Monitors VIN, Fuse, and MOSFET Diode
■
Available in 14-Lead (4mm
× 3mm) DFN and
16-Lead SO Packages
■
High Availability Systems
■
AdvancedTCA® (ATCA) Systems
■
+48V and –48V Distributed Power Systems
■
Telecom Infrastructure
Power Dissipation vs Load Current
4355 TA01
LTC4355
GND
GATE1
GATE2
IN1
OUT
IN2
MON1
MON2
SET
12.7k
340k
12.7k
340k
7A
22k
22k
22k
22k
22k
GREEN LEDs
PANASONIC LN1351C
7A
GND
FDB3632
FDB3632
TO
LOAD
VIN1 = +48V
VIN2 = +48V
VDSFLT
FUSEFLT1
FUSEFLT2
PWRFLT1
PWRFLT2
CURRENT (A)
0
0
1
2
3
4
5
6
2
4
6
8
4355 TA02
10
DIODE (MBR10100)
FET (FDB3632)
POWER
SAVED
SPELL CHECK COMPLETED


Similar Part No. - LTC4355

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4355 LINER-LTC4355 Datasheet
255Kb / 20P
Positive High Voltage Ideal Diode-OR with Input Supply and Fuse Monitors
LTC4355 LINER-LTC4355 Datasheet
374Kb / 16P
UV, OV and Reverse Supply Protection Controller Low Operating Current: 125關A
LTC4355 LINER-LTC4355 Datasheet
291Kb / 24P
High Voltage Surge
LTC4355 LINER-LTC4355 Datasheet
384Kb / 24P
Dual Ideal Diode and Hot Swap Controller
logo
Linear Integrated Syste...
LTC4355 LINEAR-LTC4355 Datasheet
739Kb / 20P
18V Dual Input Micropower PowerPath Prioritizer
More results

Similar Description - LTC4355

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4357 LINER-LTC4357 Datasheet
146Kb / 12P
Positive High Voltage Ideal Diode Controller
LTC2921 LINER-LTC2921 Datasheet
316Kb / 20P
Power Supply Tracker with Input Monitors
logo
Murata Power Solutions ...
DMS-20PC-0-DCM MURATA-PS-DMS-20PC-0-DCM Datasheet
150Kb / 2P
Self-Powered, Positive Input LED Display, DC Voltage Monitors
logo
Linear Technology
LTC4355 LINER-LTC4355_1 Datasheet
255Kb / 20P
Positive High Voltage Ideal Diode-OR with Input Supply and Fuse Monitors
LTC4357 LINER-LTC4357_15 Datasheet
793Kb / 14P
Positive High Voltage Ideal Diode Controller
LTC4355 LINER-LTC4355_15 Datasheet
234Kb / 20P
Positive High Voltage Ideal Diode-OR with Input Supply and Fuse Monitors
LTC2921 LINER-LTC2921_15 Datasheet
322Kb / 20P
Power Supply Tracker with Input Monitors
LTC2922 LINER-LTC2922_15 Datasheet
322Kb / 20P
Power Supply Tracker with Input Monitors
logo
Union Semiconductor, In...
UM805 UNIONSEMI-UM805 Datasheet
379Kb / 14P
Voltage Monitors with Manual Reset Input
logo
Linear Technology
LTC4371 LINER-LTC4371 Datasheet
412Kb / 22P
Dual Negative Voltage Ideal Diode-OR Controller and Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com