Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4355 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4355
Description  Positive High Voltage Ideal Diode-OR with Input Supply and Fuse Monitors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4355 Datasheet(HTML) 4 Page - Linear Technology

  LTC4355 Datasheet HTML 1Page - Linear Technology LTC4355 Datasheet HTML 2Page - Linear Technology LTC4355 Datasheet HTML 3Page - Linear Technology LTC4355 Datasheet HTML 4Page - Linear Technology LTC4355 Datasheet HTML 5Page - Linear Technology LTC4355 Datasheet HTML 6Page - Linear Technology LTC4355 Datasheet HTML 7Page - Linear Technology LTC4355 Datasheet HTML 8Page - Linear Technology LTC4355 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC4355

4355fa
TEMPERATURE (
°C)
–50
100
125
100
50
0
50
150
75
4355 G06
IFLT = 5mA
IFLT (mA)
0
0.1
0.2
15
0
5
10
0.3
4355 G05
CGATE (nF)
0
300
400
500
40
4355 G07
200
100
0
10
20
20
50
VGATE < VIN + 1V
DVSD = 50mV –1V
VINITIAL (V)
0
300
400
500
0.8
4355 G08
200
100
0
0.2
0.4
0.6
1.0
VIN = 48V
DVSD = VINITIAL –1V
VFINAL (V)
–1.0
1000
1500
2000
–0.2
4355 G09
500
0
–0.8
–0.6
–0.4
0
VIN = 48V
DVSD = 50mV VFINAL
VOUT (V)
0
1.0
1.5
80
0.5
0
20
40
60
2.0
4355 G01
VOUT = VIN
VIN (V)
0
0.5
0.75
80
0.25
0
20
40
60
1.0
4355 G02
VIN = VOUT
Typical perForMance characTerisTics
IOUT vs VOUT
IIN vs VIN
IGATE vs DVSD
DVGATE vs IGATE
Fault Output Low
vs Load Current
Fault Output Low
vs Temperature
FET Turn-Off Time
vs GATE Capacitance
FET Turn-Off Time
vs Initial Overdrive
FET Turn-Off Time
vs Final Overdrive
VSD (mV)
–50
–20
0
150
–40
–60
0
50
100
20
4355 G03
VGATE = 2.5V
IGATE (µA)
0
0
5
10
15
5
10
15
20
25
4355 G04
VIN > 18V
VIN = 12V
VIN = 9V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com