Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4355 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC4355
Description  Positive High Voltage Ideal Diode-OR with Input Supply and Fuse Monitors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4355 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC4355 Datasheet HTML 8Page - Linear Technology LTC4355 Datasheet HTML 9Page - Linear Technology LTC4355 Datasheet HTML 10Page - Linear Technology LTC4355 Datasheet HTML 11Page - Linear Technology LTC4355 Datasheet HTML 12Page - Linear Technology LTC4355 Datasheet HTML 13Page - Linear Technology LTC4355 Datasheet HTML 14Page - Linear Technology LTC4355 Datasheet HTML 15Page - Linear Technology LTC4355 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
LTC4355

4355fa
Typical applicaTions
MON2
SET
MON1
IN1 GATE1 IN2
GND
GATE2 OUT
LTC4355CS
SENSE
LTC4261CGN
VIN
VEE
TMR
GATE DRAIN
IRF1310NS
330nF
47nF
1
µF
1.1k
1.1k
1.1k
1.1k
1M
10nF
100V
33nF
–48VOUT
4355 TA05
–48VRTN(OUT)
1k
2.49k
8m
Ω
10
Ω
330nF
100nF
100nF
100nF
SS
UVH
UVL
ADIN2
OV
ON
INTVCC
FLTIN
EN
ADR1
ADR0
PG
SCL
SDAI
SDAO
ALERT
PGIO
PGI
ADIN
RAMP
10.2k
100k
D: 1N4148WS
HZS5C1
VSS
VSS
GB
FDS3672
2k
2k
LTC4354CS8
GA
VCC
10k
DB
DA
137k
107k
1
µF
22nF
100V
SMBT70A
91
Ω
100k
D
D
D
D
FDS3672
100k
7A
–48V_A
–48V_B
MEDIUM LONG
7A
MEDIUM SHORT
10A
LONG
SHORT
SHORT
VRTN_A
ENABLE_B
ENABLE_A
VDA–
10A
LONG
VRTN_B
VDA–
FDS3672
FDS3672
100k
1M
1M
100k
FMMT5401
FMMT5401
100nF
AdvancedTCA with High-Side and Low-Side Ideal Diode-OR
and Hot Swap Controller with I2C Current and Voltage Monitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com