Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4608AV Datasheet(PDF) 19 Page - Linear Technology

Part # LTM4608AV
Description  Low VIN, 8A DC/DC 關Module with Tracking, Margining, and Frequency Synchronization
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4608AV Datasheet(HTML) 19 Page - Linear Technology

Back Button LTM4608AV Datasheet HTML 15Page - Linear Technology LTM4608AV Datasheet HTML 16Page - Linear Technology LTM4608AV Datasheet HTML 17Page - Linear Technology LTM4608AV Datasheet HTML 18Page - Linear Technology LTM4608AV Datasheet HTML 19Page - Linear Technology LTM4608AV Datasheet HTML 20Page - Linear Technology LTM4608AV Datasheet HTML 21Page - Linear Technology LTM4608AV Datasheet HTML 22Page - Linear Technology LTM4608AV Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
LTM4608A
19
4608afa
APPLICATIONS INFORMATION
Output Margining
For a convenient system stress test on the LTM4608A’s
output, the user can program the LTM4608A’s output to
±5%, ±10% or ±15% of its normal operational voltage.
The margin pin with a voltage divider is driven with a
small three-state gate as shown in Figure 18, for the three
margin states (high, low, no margin). When the MGN pin
is low, it forces negative margining in which the output
voltage is below the regulation point. When MGN is high,
the output voltage is forced to above the regulation point.
The amount of output voltage margining is determined by
the BSEL pin. When BSEL is low, it is 5%. When BSEL is
high, it is 10%. When BSEL is floating, it is 15%. When
margining is active, the internal output overvoltage and
undervoltage comparators are disabled and PGOOD
remains high. Margining is disabled by tying the MGN
pin to VOUT.
Thermal Considerations and Output Current Derating
The power loss curves in Figures 7 and 8 can be used
in coordination with the load current derating curves in
Figures 9 to 16 for calculating an approximate
θJA for the
module with various heat sinking methods. Thermal models
are derived from several temperature measurements at
the bench, and thermal modeling analysis. Thermal Ap-
plication Note 103 provides a detailed explanation of the
analysis for the thermal models and the derating curves.
Tables 4 and 5 provide a summary of the equivalent
θJA
for the noted conditions. These equivalent
θJA parameters
are correlated to the measured values and improve with
air flow. The junction temperature is maintained at 125°C
or below for the derating curves.
Safety Considerations
The LTM4608A modules do not provide isolation from
VIN to VOUT. There is no internal fuse. If required, a slow
blow fuse with a rating twice the maximum input current
needs to be provided to protect each unit from catastrophic
failure.
Layout Checklist/Example
The high integration of LTM4608A makes the PCB board
layout very simple and easy. However, to optimize its
electrical and thermal performance, some layout con-
siderations are still necessary.
• Use large PCB copper areas for high current path,
including VIN, GND and VOUT. It helps to minimize the
PCB conduction loss and thermal stress.
• Place high frequency ceramic input and output capaci-
tors next to the VIN, GND and VOUT pins to minimize
high frequency noise.
• Place a dedicated power ground layer underneath the
unit.
• To minimize the via conduction loss and reduce module
thermal stress, use multiple vias for interconnection
between top layer and other power layers.
• Do not put vias directly on the pads, unless they are
capped.
• Use a separated SGND ground copper area for com-
ponents connected to signal pins. Connect the SGND
to GND underneath the unit.
Figure 17 gives a good example of the recommended
layout.
Figure 17. Recommended PCB Layout
GND
GND
GND
4608A F17
CIN
COUT
COUT
COUT
CIN
VIN
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com