Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4608AV Datasheet(PDF) 24 Page - Linear Technology

Part # LTM4608AV
Description  Low VIN, 8A DC/DC 關Module with Tracking, Margining, and Frequency Synchronization
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4608AV Datasheet(HTML) 24 Page - Linear Technology

Back Button LTM4608AV Datasheet HTML 16Page - Linear Technology LTM4608AV Datasheet HTML 17Page - Linear Technology LTM4608AV Datasheet HTML 18Page - Linear Technology LTM4608AV Datasheet HTML 19Page - Linear Technology LTM4608AV Datasheet HTML 20Page - Linear Technology LTM4608AV Datasheet HTML 21Page - Linear Technology LTM4608AV Datasheet HTML 22Page - Linear Technology LTM4608AV Datasheet HTML 23Page - Linear Technology LTM4608AV Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
LTM4608A
24
4608afa
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2008
LT 1008 REV A • PRINTED IN USA
RELATED PARTS
PART NUMBER DESCRIPTION
COMMENTS
LTC2900
Quad Supply Monitor with Adjustable Reset Timer Monitors Four Supplies; Adjustable Reset Timer
LTC2923
Power Supply Tracking Controller
Tracks Both Up and Down; Power Supply Sequencing
LTM4600HV
10A DC/DC μModule
4.5V ≤ VIN ≤ 28V; 0.6V ≤ VOUT ≤ 5V, LGA Package
LTM4600HVMP Military Plastic 10A DC/DC μModule
Guaranteed Operation from –55°C to 125°C Ambient, LGA Package
LTM4601/
LTM4601A
12A DC/DC μModule with PLL, Output Tracking/
Margining and Remote Sensing
Synchronizable, PolyPhase Operation, LTM4601-1/LTM4601A-1 Version has no
Remote Sensing, LGA Package, MP Version Available
LTM4602
6A DC/DC μModule
Pin Compatible with the LTM4600, LGA Package
LTM4603
6A DC/DC μModule with PLL and Outpupt
Tracking/Margining and Remote Sensing
Synchronizable, PolyPhase Operation, LTM4603-1 Version has no Remote
Sensing, Pin Compatible with the LTM4601, LGA Package
LTM4604A
Low VIN 4A DC/DC μModule
2.375V ≤ VIN ≤ 5.5V, 0.8V ≤ VOUT ≤ 5V, 9mm × 15mm × 2.3mm LGA Package
LTM4605
5A to 12A Buck-Boost μModule
4.5V ≤ VIN ≤ 20V; 0.8V ≤ VOUT ≤ 16V, 15mm × 15mm × 2.8mm LGA Package
LTM4607
5A to 12A Buck-Boost μModule
4.5V ≤ VIN ≤ 36V; 0.8V ≤ VOUT ≤ 25V, 15mm × 15mm × 2.8mm LGA Package
LTM8020
High VIN 0.2A DC/DC Step-Down μModule
4V ≤ VIN ≤ 36V; 1.25V ≤ VOUT ≤ 5V, 6.25mm × 6.25mm × 2.3mm LGA Package
LTM8021
High VIN 0.5A DC/DC Step-Down μModule
3V ≤ VIN ≤ 36V; 0.8V ≤ VOUT ≤ 5V, 6.25mm × 11.25mm × 2.8mm LGA Package
LTM8022
High VIN 1A DC/DC Step-Down μModule
3.6V ≤ VIN ≤ 36V; 0.8V ≤ VOUT ≤ 10V, 11.25mm × 9mm × 2.8mm LGA Package
LTM8023
High VIN 2A DC/DC Step-Down μModule
3.6V ≤ VIN ≤ 36V; 0.8V ≤ VOUT ≤ 10V, 11.25mm × 9mm × 2.8mm LGA Package
PACKAGE DESCRIPTION
Pin Assignment Table
(Arranged by Pin Number)
PIN NAME
PIN NAME
PIN NAME
PIN NAME
PIN NAME
PIN NAME
PIN NAME
A1
GND
B1
GND
C1
VIN
D1
VIN
E1
SGND
F1
RUN
G1
GND
A2
GND
B2
–
C2
–
D2
–
E2
–
F2
CLKOUT G2
GND
A3
GND
B3
CLKIN
C3
SW
D3
VIN
E3
PLLLPF
F3
GND
G3
GND
A4
GND
B4
PHMODE C4
SW
D4
VIN
E4
–
F4
SVIN
G4
GND
A5
GND
B5
MODE
C5
SW
D5
VIN
E5
TRACK
F5
ITHM
G5
GND
A6
GND
B6
–
C6
–
D6
–
E6
–
F6
ITH
G6
GND
A7
GND
B7
BSEL
C7
PGOOD
D7
VIN
E7
FB
F7
GND
G7
GND
A8
GND
B8
MGN
C8
VIN
D8
VIN
E8
VIN
F8
GND
G8
GND
A9
GND
B9
GND
C9
VIN
D9
VIN
E9
VOUT
F9
VOUT
G9
VOUT
A10 GND
B10 GND
C10 VOUT
D10 VOUT
E10 VOUT
F10 VOUT
G10 VOUT
A11 GND
B11 GND
C11 VOUT
D11 VOUT
E11 VOUT
F11 VOUT
G11 VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com