Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4608AV Datasheet(PDF) 20 Page - Linear Technology

Part # LTM4608AV
Description  Low VIN, 8A DC/DC 關Module with Tracking, Margining, and Frequency Synchronization
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4608AV Datasheet(HTML) 20 Page - Linear Technology

Back Button LTM4608AV Datasheet HTML 16Page - Linear Technology LTM4608AV Datasheet HTML 17Page - Linear Technology LTM4608AV Datasheet HTML 18Page - Linear Technology LTM4608AV Datasheet HTML 19Page - Linear Technology LTM4608AV Datasheet HTML 20Page - Linear Technology LTM4608AV Datasheet HTML 21Page - Linear Technology LTM4608AV Datasheet HTML 22Page - Linear Technology LTM4608AV Datasheet HTML 23Page - Linear Technology LTM4608AV Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
LTM4608A
20
4608afa
APPLICATIONS INFORMATION
Figure 18. Typical 3V to 5.5VIN, 2.5V at 8A Design
Figure 19. Two LTM4608As in Parallel, 1.5V at 16A Design
VIN
SVIN
SW
RUN
PLLLPF
TRACK
MODE
PHMODE
VOUT
FB
ITH
ITHM
PGOOD
BSEL
MGN
CLKOUT GND
CLKIN
RUN
TRACK
100μF
6.3V
X5R
C4
100pF
10μF
3.32k
VOUT
VOUT
VOUT
1.5V
16A
VIN
3V TO 5.5V
LTM4608A
SGND
VIN
SVIN
SW
RUN
PLLLPF
TRACK
MODE
PHMODE
VOUT
FB
ITH
ITHM
PGOOD
BSEL
MGN
CLKOUT GND
CLKIN
C2
10μF
C3
100μF
6.3V
X5R
C1
100μF
6.3V
X5R
4608A F19
LTM4608A
SGND
VIN
SVIN
SW
RUN
PLLLPF
TRACK
MODE
PHMODE
VOUT
FB
ITH
ITHM
PGOOD
BSEL
MGN
PGOOD
(HIGH = 10%)
(FLOAT = 15%)
(LOW = 5%)
AIN
2
U1: PERICON P1745T1G126CEX
OR TOSHIBA 7C75Z126AFE
1
5
4
3
OE
100k
VIN
VIN
VOUT
BSEL
MODE
PHMODE
CLKOUT GND
CLKIN
CLKIN
C1
220pF
COUT
100μF
CIN
10μF
C3
47pF
RFB
3.09k
50k
50k
4608A F18
VOUT
2.5V
8A
8A AT 5V INPUT
6A AT 3.3V INPUT
VIN
3V TO 5.5V
LTM4608A
SGND
U1
OE
H
H
L
AIN
H
L
X
VOUT
H
L
Z
MGN
H
L
VIN/2
MARGIN VALUE
+ OF BSEL SELECTION
– OF BSEL SELECTION
NO MARGIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com