Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4608AV Datasheet(PDF) 23 Page - Linear Technology

Part # LTM4608AV
Description  Low VIN, 8A DC/DC 關Module with Tracking, Margining, and Frequency Synchronization
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4608AV Datasheet(HTML) 23 Page - Linear Technology

Back Button LTM4608AV Datasheet HTML 16Page - Linear Technology LTM4608AV Datasheet HTML 17Page - Linear Technology LTM4608AV Datasheet HTML 18Page - Linear Technology LTM4608AV Datasheet HTML 19Page - Linear Technology LTM4608AV Datasheet HTML 20Page - Linear Technology LTM4608AV Datasheet HTML 21Page - Linear Technology LTM4608AV Datasheet HTML 22Page - Linear Technology LTM4608AV Datasheet HTML 23Page - Linear Technology LTM4608AV Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
LTM4608A
23
4608afa
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However,noresponsibilityisassumedforitsuse.LinearTechnologyCorporationmakesnorepresenta-
tion that the interconnection of its circuits as described herein will not infringe on existing patent rights.
PACKAGE DESCRIPTION
NOTES:
1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M-1994
2. ALL DIMENSIONS ARE IN MILLIMETERS
LAND DESIGNATION PER JESD MO-222
5. PRIMARY DATUM -Z- IS SEATING PLANE
6. THE TOTAL NUMBER OF PADS: 68
4
3
DETAILS OF PAD #1 IDENTIFIER ARE OPTIONAL,
BUT MUST BE LOCATED WITHIN THE ZONE INDICATED.
THE PAD #1 IDENTIFIER MAY BE EITHER A MOLD OR
MARKED FEATURE
2.72 – 2.92
DETAIL B
DETAIL B
SUBSTRATE
MOLD
CAP
0.290 – 0.350
2.200 – 2.600
PACKAGE TOP VIEW
9.00
BSC
15.00
BSC
4
PAD “A1”
CORNER
X
Y
aaa Z
PACKAGE BOTTOM VIEW
3
PADS
SEE NOTES
DETAIL A
0.630 ±0.025 SQ. 68x
S
Y
X
eee
SUGGESTED PCB LAYOUT
TOP VIEW
LGA 68 1207 REV Ø
LTMXXXXXX
μModule
TRAY PIN 1
BEVEL
PACKAGE IN TRAY LOADING ORIENTATION
COMPONENT
PIN “A1”
DETAIL A
7.620
BSC
1.27
BSC
12.70
BSC
PAD 1
F
G
E
A
B
C
D
8
2
1
4
3
5
6
7
11
9
10
6.350
6.350
3.810
3.810
5.080
5.080
2.540
2.540
1.270
1.270
0.000
SYMBOL
aaa
bbb
eee
TOLERANCE
0.15
0.10
0.05
LGA Package
68-Lead (15mm × 9mm × 2.82mm)
(Reference LTC DWG # 05-08-1821 Rev Ø)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com