Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2248 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2248
Description  14-Bit, 65/40/25Msps Low Power 3V ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2248 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2248 Datasheet HTML 3Page - Linear Technology LTC2248 Datasheet HTML 4Page - Linear Technology LTC2248 Datasheet HTML 5Page - Linear Technology LTC2248 Datasheet HTML 6Page - Linear Technology LTC2248 Datasheet HTML 7Page - Linear Technology LTC2248 Datasheet HTML 8Page - Linear Technology LTC2248 Datasheet HTML 9Page - Linear Technology LTC2248 Datasheet HTML 10Page - Linear Technology LTC2248 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LTC2248/LTC2247/LTC2246
7
224876fa
SAMPLE RATE (Msps)
2248 G15
80
75
70
65
60
55
50
0
20
40
50
10
30
60
70
80
2V RANGE
1V RANGE
CLOCK DUTY CYCLE (%)
2247 G12
100
95
90
85
80
75
70
30
40
50
55
35
45
60
65
70
SAMPLE RATE (Msps)
50
110
100
90
80
70
60
100
2248 G11
60 70 80 90
010 20 30 40
110
SFDR: DCS ON
SNR: DCS ON
SNR: DCS OFF
SFDR: DCS OFF
INPUT LEVEL (dBFS)
–60
– 50
–40
–20
–30
–10
0
2248 G13
INPUT LEVEL (dBFS)
–60
– 50
– 40
–20
–30
–10
0
2248 G14
80
70
60
50
40
30
20
10
0
120
110
100
90
80
70
60
50
40
30
20
dBFS
dBFS
dBc
dBc
90dBc SFDR
REFERENCE LINE
SAMPLE RATE (Msps)
2248 G16
6
5
4
3
2
1
0
0
20
40
50
10
30
60
70
80
CODE
0
12288
2247 G01
4096
8192
16384
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
CODE
0
12288
2247 G02
4096
8192
16384
1.00
0.75
0.50
0.25
0
–0.25
–0.50
–0.75
–1.00
FREQUENCY (MHz)
2247 G03
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
0
510
15
20
SNR
SFDR
TYPICAL PERFOR A CE CHARACTERISTICS
LTC2248: SNR and SFDR vs
Sample Rate, 2V Range,
fIN = 5MHz, –1dB
LTC2248: SNR and SFDR vs
Clock Duty Cycle, 65Msps
LTC2248: SNR vs Input Level,
fIN = 30MHz, 2V Range, 65Msps
LTC2248: IOVDD vs Sample Rate,
5MHz Sine Wave Input, –1dB,
OVDD = 1.8V
LTC2248: IVDD vs Sample Rate,
5MHz Sine Wave Input, –1dB
LTC2247: Typical INL,
2V Range, 40Msps
LTC2247: Typical DNL,
2V Range, 40Msps
LTC2247: 8192 Point FFT,
fIN = 5MHz, –1dB, 2V Range,
40Msps
LTC2248: SFDR vs Input Level,
fIN = 30MHz, 2V Range, 65Msps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com