Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2248 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC2248
Description  14-Bit, 65/40/25Msps Low Power 3V ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2248 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC2248 Datasheet HTML 14Page - Linear Technology LTC2248 Datasheet HTML 15Page - Linear Technology LTC2248 Datasheet HTML 16Page - Linear Technology LTC2248 Datasheet HTML 17Page - Linear Technology LTC2248 Datasheet HTML 18Page - Linear Technology LTC2248 Datasheet HTML 19Page - Linear Technology LTC2248 Datasheet HTML 20Page - Linear Technology LTC2248 Datasheet HTML 21Page - Linear Technology LTC2248 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
LTC2248/LTC2247/LTC2246
18
224876fa
APPLICATIO S I FOR ATIO
bearing on how much SNR degradation will be experi-
enced. For high crest factor signals such as WCDMA or
OFDM, where the nominal power level must be at least 6dB
to 8dB below full scale, the use of these translators will
have a lesser impact.
The transformer in the example may be terminated with
the appropriate termination for the signaling in use. The
use of a transformer with a 1:4 impedance ratio may be
desirable in cases where lower voltage differential signals
are considered. The center tap may be bypassed to ground
through a capacitor close to the ADC if the differential
signals originate on a different plane. The use of a capaci-
tor at the input may result in peaking, and depending on
transmission line length may require a 10
Ω to 20Ω ohm
series resistor to act as both a low pass filter for high
frequency noise that may be induced into the clock line by
neighboring digital signals, as well as a damping mecha-
nism for reflections.
Maximum and Minimum Conversion Rates
The maximum conversion rate for the LTC2248/LTC2247/
LTC2246 is 65Msps (LTC2248), 40Msps (LTC2247), and
25Msps (LTC2246). For the ADC to operate properly, the
CLK signal should have a 50% (
±5%) duty cycle. Each half
cycle must have at least 7.3ns (LTC2248), 11.8ns
(LTC2247), and 18.9ns (LTC2246) for the ADC internal
circuitry to have enough settling time for proper operation.
An optional clock duty cycle stabilizer circuit can be used
if the input clock has a non 50% duty cycle. This circuit
uses the rising edge of the CLK pin to sample the analog
input. The falling edge of CLK is ignored and the internal
falling edge is generated by a phase-locked loop. The input
clock duty cycle can vary from 40% to 60% and the clock
duty cycle stabilizer will maintain a constant 50% internal
duty cycle. If the clock is turned off for a long period of
time, the duty cycle stabilizer circuit will require a hundred
clock cycles for the PLL to lock onto the input clock. To use
the clock duty cycle stabilizer, the MODE pin should be
connected to 1/3VDD or 2/3VDD using external resistors.
The lower limit of the LTC2248/LTC2247/LTC2246 sample
rate is determined by droop of the sample-and-hold cir-
cuits. The pipelined architecture of this ADC relies on
Figure 14. Digital Output Buffer
LTC2248/47/46
224876 F12
OVDD
VDD
VDD
0.1
µF
43
Ω
TYPICAL
DATA
OUTPUT
OGND
OVDD
0.5V
TO 3.6V
PREDRIVER
LOGIC
DATA
FROM
LATCH
OE
Table 1. Output Codes vs Input Voltage
AIN+ – AIN–
D13 – D0
D13 – D0
(2V Range)
OF
(Offset Binary)
(2’s Complement)
>+1.000000V
1
11 1111 1111 1111
01 1111 1111 1111
+0.999878V
0
11 1111 1111 1111
01 1111 1111 1111
+0.999756V
0
11 1111 1111 1110
01 1111 1111 1110
+0.000122V
0
10 0000 0000 0001
00 0000 0000 0001
0.000000V
0
10 0000 0000 0000
00 0000 0000 0000
–0.000122V
0
01 1111 1111 1111
11 1111 1111 1111
–0.000244V
0
01 1111 1111 1110
11 1111 1111 1110
–0.999878V
0
00 0000 0000 0001
10 0000 0000 0001
–1.000000V
0
00 0000 0000 0000
10 0000 0000 0000
<–1.000000V
1
00 0000 0000 0000
10 0000 0000 0000
storing analog signals on small valued capacitors. Junc-
tion leakage will discharge the capacitors. The specified
minimum operating frequency for the LTC2248/LTC2247/
LTC2246 is 1Msps.
DIGITAL OUTPUTS
Table 1 shows the relationship between the analog input
voltage, the digital data bits, and the overflow bit.
Digital Output Buffers
Figure 14 shows an equivalent circuit for a single output
buffer. Each buffer is powered by OVDD and OGND, iso-
lated from the ADC power and ground. The additional
N-channel transistor in the output driver allows operation
down to low voltages. The internal resistor in series with
the output makes the output appear as 50
Ω to external
circuitry and may eliminate the need for external damping
resistors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com