Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2248 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2248
Description  14-Bit, 65/40/25Msps Low Power 3V ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2248 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2248 Datasheet HTML 2Page - Linear Technology LTC2248 Datasheet HTML 3Page - Linear Technology LTC2248 Datasheet HTML 4Page - Linear Technology LTC2248 Datasheet HTML 5Page - Linear Technology LTC2248 Datasheet HTML 6Page - Linear Technology LTC2248 Datasheet HTML 7Page - Linear Technology LTC2248 Datasheet HTML 8Page - Linear Technology LTC2248 Datasheet HTML 9Page - Linear Technology LTC2248 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LTC2248/LTC2247/LTC2246
6
224876fa
FREQUENCY (MHz)
0
2248 G03
510
15
20
25
30
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
FREQUENCY (MHz)
0
2248 G04
510
15
20
25
30
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
FREQUENCY (MHz)
0
2248 G05
510
15
20
25
30
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
FREQUENCY (MHz)
0
2248 G06
510
15
20
25
30
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
FREQUENCY (MHz)
0
2248 G06a
510
15
20
25
30
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
CODE
8196 8197 8198 8199 8200 8201 8202 8203
121
1596
9042
21824
20412
10224
2116
172
2248 G08
25000
20000
15000
10000
5000
0
INPUT FREQUENCY (MHz)
0
200
2248 G09
50
100
150
75
74
73
72
71
70
INPUT FREQUENCY (MHz)
0
100
95
90
85
80
75
70
65
150
2248 G10
50
100
200
TYPICAL PERFOR A CE CHARACTERISTICS
LTC2248: 8192 Point FFT,
fIN = 5MHz, –1dB, 2V Range,
65Msps
LTC2248: 8192 Point FFT,
fIN = 30MHz, –1dB, 2V Range,
65Msps
LTC2248: 8192 Point FFT,
fIN = 70MHz, –1dB, 2V Range,
65Msps
LTC2248: 8192 Point FFT,
fIN = 140MHz, –1dB, 2V Range,
65Msps
LTC2248: Grounded Input
Histogram, 65Msps
LTC2248: SNR vs Input Frequency,
–1dB, 2V Range, 65Msps
LTC2248: SFDR vs Input Frequency,
–1dB, 2V Range, 65Msps
LTC2248: 8192 Point 2-Tone FFT,
fIN = 28.2MHz and 26.8MHz,
–1dB, 2V Range, 65Msps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com