Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2248 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2248
Description  14-Bit, 65/40/25Msps Low Power 3V ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2248 Datasheet(HTML) 1 Page - Linear Technology

  LTC2248 Datasheet HTML 1Page - Linear Technology LTC2248 Datasheet HTML 2Page - Linear Technology LTC2248 Datasheet HTML 3Page - Linear Technology LTC2248 Datasheet HTML 4Page - Linear Technology LTC2248 Datasheet HTML 5Page - Linear Technology LTC2248 Datasheet HTML 6Page - Linear Technology LTC2248 Datasheet HTML 7Page - Linear Technology LTC2248 Datasheet HTML 8Page - Linear Technology LTC2248 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LTC2248/LTC2247/LTC2246
1
224876fa
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
■
Sample Rate: 65Msps/40Msps/25Msps
■ Single 3V Supply (2.7V to 3.4V)
■ Low Power: 205mW/120mW/75mW
■
74.3dB SNR
■ 90dB SFDR
■ No Missing Codes
■
Flexible Input: 1VP-P to 2VP-P Range
■ 575MHz Full Power Bandwidth S/H
■ Clock Duty Cycle Stabilizer
■
Shutdown and Nap Modes
■ Pin Compatible Family
125Msps: LTC2253 (12-Bit), LTC2255 (14-Bit)
105Msps: LTC2252 (12-Bit), LTC2254 (14-Bit)
80Msps: LTC2229 (12-Bit), LTC2249 (14-Bit)
65Msps: LTC2228 (12-Bit), LTC2248 (14-Bit)
40Msps: LTC2227 (12-Bit), LTC2247 (14-Bit)
25Msps: LTC2226 (12-Bit), LTC2246 (14-Bit)
10Msps: LTC2225 (12-Bit), LTC2245 (14-Bit)
■
32-Pin (5mm
× 5mm) QFN Package
14-Bit, 65/40/25Msps
Low Power 3V ADCs
The LTC
®2248/LTC2247/LTC2246 are 14-bit 65Msps/
40Msps/25Msps, low power 3V A/D converters designed
for digitizing high frequency, wide dynamic range signals.
The LTC2248/LTC2247/LTC2246 are perfect for demand-
ing imaging and communications applications with AC
performance that includes 74.3dB SNR and 90dB SFDR
for signals at the Nyquist frequency.
DC specs include
±1LSB INL (typ), ±0.5LSB DNL (typ) and
no missing codes over temperature. The transition noise
is a low 1LSBRMS.
A single 3V supply allows low power operation. A separate
output supply allows the outputs to drive 0.5V to 3.6V
logic.
A single-ended CLK input controls converter operation. An
optional clock duty cycle stabilizer allows high perfor-
mance at full speed for a wide range of clock duty cycles.
–
+
INPUT
S/H
CORRECTION
LOGIC
OUTPUT
DRIVERS
14-BIT
PIPELINED
ADC CORE
CLOCK/DUTY
CYCLE
CONTROL
FLEXIBLE
REFERENCE
D13
•
•
•
D0
CLK
REFH
REFL
ANALOG
INPUT
2249 TA01a
OVDD
OGND
INPUT FREQUENCY (MHZ)
0
200
2249 TAO1b
50
100
150
75
74
73
72
71
70
LTC2248: SNR vs Input Frequency,
–1dB, 2V Range, 65Msps
■ Wireless and Wired Broadband Communication
■ Imaging Systems
■
Ultrasound
■ Spectral Analysis
■ Portable Instrumentation
, LTC and LT are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.


Similar Part No. - LTC2248

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2248 LINER-LTC2248_15 Datasheet
781Kb / 24P
14-Bit, 65/40/25Msps Low Power 3V ADCs
More results

Similar Description - LTC2248

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2298 LINER-LTC2298 Datasheet
704Kb / 28P
Dual 14-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2228 LINER-LTC2228 Datasheet
426Kb / 28P
12-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2226 LINER-LTC2226_15 Datasheet
434Kb / 28P
12-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2227 LINER-LTC2227_15 Datasheet
434Kb / 28P
12-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2246 LINER-LTC2246_15 Datasheet
781Kb / 24P
14-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2247 LINER-LTC2247_15 Datasheet
781Kb / 24P
14-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2248 LINER-LTC2248_15 Datasheet
781Kb / 24P
14-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2296 LINER-LTC2296_15 Datasheet
791Kb / 28P
Dual 14-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2297 LINER-LTC2297_15 Datasheet
791Kb / 28P
Dual 14-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2298 LINER-LTC2298_15 Datasheet
791Kb / 28P
Dual 14-Bit, 65/40/25Msps Low Power 3V ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com