Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM7516 Datasheet(PDF) 11 Page - SamHop Microelectronics Corp.

Part # SM7516
Description  3W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM7516 Datasheet(HTML) 11 Page - SamHop Microelectronics Corp.

Back Button SM7516 Datasheet HTML 5Page - SamHop Microelectronics Corp. SM7516 Datasheet HTML 6Page - SamHop Microelectronics Corp. SM7516 Datasheet HTML 7Page - SamHop Microelectronics Corp. SM7516 Datasheet HTML 8Page - SamHop Microelectronics Corp. SM7516 Datasheet HTML 9Page - SamHop Microelectronics Corp. SM7516 Datasheet HTML 10Page - SamHop Microelectronics Corp. SM7516 Datasheet HTML 11Page - SamHop Microelectronics Corp. SM7516 Datasheet HTML 12Page - SamHop Microelectronics Corp. SM7516 Datasheet HTML 13Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
SAMHOP Microelectronics Corp.
3W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
Figure 7
Figure 8
TOTAL HARMONIC DISTORTION + NOISE
VS.
OUTPUT POWER
VDD = 5.5 V
Load = 4 ohms
Gain = 20 dB
BTL Mode
20KHz
20 Hz
1 KHz
OUTPUT POWER (W)
TOTAL HARMONIC DISTORTION + NOISE
VS.
OUTPUT POWER
OUTPUT POWER (W)
Figure 8
20KHz
20 Hz
1 KHz
VDD = 5 V
Load = 8 ohms
Gain = 20 dB
BTL Mode
CLOSED LOOP RESPONSE
VDD = 5 V
Load = 8 ohms
Gain = 20 dB
Po = 1W
BTL Mode
Gain
Phase
FREQUENCY (Hz)
VDD = 5 V
Load = 8 ohms
Gain = 6 dB
Po = 1W
BTL Mode
CLOSED LOOP RESPONSE
Gain
Phase
FREQUENCY (Hz)
Figure 9
Figure 10
Page 10
V.0.1 Sep 12,2007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com