Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM7516 Datasheet(PDF) 13 Page - SamHop Microelectronics Corp.

Part # SM7516
Description  3W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM7516 Datasheet(HTML) 13 Page - SamHop Microelectronics Corp.

Back Button SM7516 Datasheet HTML 5Page - SamHop Microelectronics Corp. SM7516 Datasheet HTML 6Page - SamHop Microelectronics Corp. SM7516 Datasheet HTML 7Page - SamHop Microelectronics Corp. SM7516 Datasheet HTML 8Page - SamHop Microelectronics Corp. SM7516 Datasheet HTML 9Page - SamHop Microelectronics Corp. SM7516 Datasheet HTML 10Page - SamHop Microelectronics Corp. SM7516 Datasheet HTML 11Page - SamHop Microelectronics Corp. SM7516 Datasheet HTML 12Page - SamHop Microelectronics Corp. SM7516 Datasheet HTML 13Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
7.62 TYP
10°max
SM7516 12 PIN HDIP
Unit : mm
PACKAGE OUTLINE
3.30±0.20
3.00 min
2.54 TYP
3.00 TYP
4.06 TYP
1.524 TYP
0.51 min
BASE METAL
K1
WHITE PLATING
DIM
MIN
0.219
0.219
0.460
0.460
0.339
0.289
0.560
0.510
0.0086
0.0086
0.0181
0.0181
0.0133
0.0114
0.0220
0.0201
MAX
MIN
MAX
MILLIMETERS
INCHES
J
J1
K
K1
19.10 ± 0.20
6.35 ± 0.20
K
SAMHOP Microelectronics Corp.
3W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
Page 12
V.0.1 Sep 12,2007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com