Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM7516 Datasheet(PDF) 3 Page - SamHop Microelectronics Corp.

Part # SM7516
Description  3W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM7516 Datasheet(HTML) 3 Page - SamHop Microelectronics Corp.

  SM7516 Datasheet HTML 1Page - SamHop Microelectronics Corp. SM7516 Datasheet HTML 2Page - SamHop Microelectronics Corp. SM7516 Datasheet HTML 3Page - SamHop Microelectronics Corp. SM7516 Datasheet HTML 4Page - SamHop Microelectronics Corp. SM7516 Datasheet HTML 5Page - SamHop Microelectronics Corp. SM7516 Datasheet HTML 6Page - SamHop Microelectronics Corp. SM7516 Datasheet HTML 7Page - SamHop Microelectronics Corp. SM7516 Datasheet HTML 8Page - SamHop Microelectronics Corp. SM7516 Datasheet HTML 9Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
SAMHOP Microelectronics Corp.
PIN DESCRIPTIONS
3W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
No.
Pin name
I / O
Function
1
RLINEIN
I
Right channel input signal.
2LLINEIN
I
3
LOUT -
O
Left channel negative audio output.
4VDD
-
Supply voltage terminal.
5
6
7
8
-
9
SE/BTL
10
11
12
Left channel input signal.
LOUT +
O
Left channel positive audio output.
Places the amplifier in shutdown mode if a TTL logic low is placed on
This terminal.
SHUTDOWN
I
BYPASS
Tap to voltage divider for internal midsupply bias generator used for
analog reference.
I
Power ground.
GND
VOLUME
I
Terminal for DC volume control. DC voltage range is 0V to 5V.
I
Output MUX control. When this terminal is high, SE outputs are
selected. When this terminal is low, BTL outputs are selected.
ROUT +
O
Right channel positive audio output.
Right channel negative audio output.
ROUT -
O
Page 2
V.0.1 Sep 12,2007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com