Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM7516 Datasheet(PDF) 2 Page - SamHop Microelectronics Corp.

Part # SM7516
Description  3W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM7516 Datasheet(HTML) 2 Page - SamHop Microelectronics Corp.

  SM7516 Datasheet HTML 1Page - SamHop Microelectronics Corp. SM7516 Datasheet HTML 2Page - SamHop Microelectronics Corp. SM7516 Datasheet HTML 3Page - SamHop Microelectronics Corp. SM7516 Datasheet HTML 4Page - SamHop Microelectronics Corp. SM7516 Datasheet HTML 5Page - SamHop Microelectronics Corp. SM7516 Datasheet HTML 6Page - SamHop Microelectronics Corp. SM7516 Datasheet HTML 7Page - SamHop Microelectronics Corp. SM7516 Datasheet HTML 8Page - SamHop Microelectronics Corp. SM7516 Datasheet HTML 9Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
SAMHOP Microelectronics Corp.
GENERAL DESCRIPTION
The SM7516 is a stereo audio power amplifier that
drives 3 W/channel of continuous RMS power into
a 3-Ω load. Advanced dc volume control minimizes
external components and allows BTL (speaker)
volume control and SE (headphone) volume
control. Notebook and pocket PCs benefit from the
integrated feature set that minimizes external
components without sacrificing functionality.
To simplify design, the speaker volume level is
adjusted by applying a dc voltage to the VOLUME
terminal.
FEATURES
* Advanced DC Volume Control With 2-dB Steps
From -40 dB to 20 dB
- Maximum Volume Setting for SE Mode
- Adjustable SE Volume control
Referenced to BTL Volume Control
* 3 W Into 3-Ω Speakers
APPLICATIONS
* Notebook PC
* LCD Monitors
* Portable DVD Player
* Digital photo frame
PIN ASSIGNMENTS (TOP VIEW)
3W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
SM7516 HDIP 12PIN
1
2
3
12
11
10
4
5
6
9
8
7
RLINEIN
LLINEIN
LOUT-
VDD
LOUT+
SHUTDOWN
ROUT-
ROUT+
SE/BTL
VOLUME
GND
BYPASS
Page 1
V.0.1 Sep 12,2007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com