Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4218IGN Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4218IGN
Description  Hot Swap Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4218IGN Datasheet(HTML) 1 Page - Linear Technology

  LTC4218IGN Datasheet HTML 1Page - Linear Technology LTC4218IGN Datasheet HTML 2Page - Linear Technology LTC4218IGN Datasheet HTML 3Page - Linear Technology LTC4218IGN Datasheet HTML 4Page - Linear Technology LTC4218IGN Datasheet HTML 5Page - Linear Technology LTC4218IGN Datasheet HTML 6Page - Linear Technology LTC4218IGN Datasheet HTML 7Page - Linear Technology LTC4218IGN Datasheet HTML 8Page - Linear Technology LTC4218IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC4218
1
4218fb
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
Hot Swap Controller
The LTC®4218 is a Hot Swap™ controller that allows a board
to be safely inserted and removed from a live backplane.
An internal high side switch driver controls the gate of an
external N-channel MOSFET for supply voltages from 2.9V
to 26.5V. A dedicated 12V version (LTC4218-12) contains
preset 12V specific thresholds, while the standard LTC4218
allows adjustable thresholds.
The LTC4218 provides an accurate (5%) current limit with
current foldback limiting. The current limit threshold can
be adjusted dynamically using an external pin. Additional
features include a current monitor output that amplifies
the sense voltage for ground referenced current sensing.
Overvoltage, undervoltage and powergood monitoring
are also provided.
12V, 6A Card Resident Application
■
Wide Operating Voltage Range: 2.9V to 26.5V
■
Adjustable, 5% Accurate (15mV) Current Limit
■
Current Monitor Output
■
Adjustable Current Limit Timer Before Fault
■
Powergood and Fault Outputs
■
Adjustable Inrush Current Control
■
2% Accurate Undervoltage and Overvoltage
Protection
■
Available in 16-Lead SSOP and 16-Pin 5mm
× 3mm
DFN Packages
■
RAID Systems
■
ATCA, AMC, μTCA Systems
■
Server I/O Cards
■
Industrial
Power-Up Waveform
ADC
0.1
μF
12V
12V
20k
4218 TA01a
1k
10k
AUTO
RETRY
0.1
μF
0.01
μF
330
μF
SENSE–
GATE
SENSE+
VDD
UV
SOURCE
PG
GND
IMON
LTC4218DHC-12
INTVCC
TIMER
FLT
10
Ω
2m
Ω
Si7108DN
VOUT
12V
6A
+
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
Hot Swap is a trademark of Linear Technology Corporation. All other trademarks are the
property of their respective owners.
25ms/DIV
4218 TA01b
VIN
10V/DIV
IIN
1A/DIV
VOUT
10V/DIV
PG
10V/DIV


Similar Part No. - LTC4218IGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4218 LINER-LTC4218 Datasheet
384Kb / 24P
Dual Ideal Diode and Hot Swap Controller
LTC4218 LINER-LTC4218 Datasheet
341Kb / 24P
Wide Operating Range Dual Hot Swap Controller Fast Response Limits Peak Fault Current
LTC4218 LINER-LTC4218 Datasheet
678Kb / 20P
20A Guaranteed SOA Hot Swap Controller
LTC4218 LINER-LTC4218 Datasheet
496Kb / 22P
Dual 12V Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
LTC4218 LINER-LTC4218 Datasheet
563Kb / 24P
Dual Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
More results

Similar Description - LTC4218IGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1421 LINER-LTC1421 Datasheet
464Kb / 24P
Hot Swap Controller
LTC1422 LINER-LTC1422 Datasheet
273Kb / 16P
Hot Swap Controller
LTC1642 LINER-LTC1642 Datasheet
147Kb / 12P
Hot Swap Controller
logo
Summit Microelectronics...
SMH4042 SUMMIT-SMH4042 Datasheet
225Kb / 28P
Hot Swap??Controller
logo
Linear Technology
LTC1642A LINER-LTC1642A Datasheet
231Kb / 16P
Hot Swap Controller
LTC4211 LINER-LTC4211_12 Datasheet
322Kb / 40P
Hot Swap Controller
LTC1422 LINER-LTC1422_15 Datasheet
203Kb / 16P
Hot Swap Controller
LTC1642A LINER-LTC1642A_15 Datasheet
237Kb / 16P
Hot Swap Controller
LTC1421-2.5 LINER-LTC1421-2.5_15 Datasheet
334Kb / 24P
Hot Swap Controller
LTC4218 LINER-LTC4218_15 Datasheet
318Kb / 18P
Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com