Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4218IGN Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4218IGN
Description  Hot Swap Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4218IGN Datasheet(HTML) 2 Page - Linear Technology

  LTC4218IGN Datasheet HTML 1Page - Linear Technology LTC4218IGN Datasheet HTML 2Page - Linear Technology LTC4218IGN Datasheet HTML 3Page - Linear Technology LTC4218IGN Datasheet HTML 4Page - Linear Technology LTC4218IGN Datasheet HTML 5Page - Linear Technology LTC4218IGN Datasheet HTML 6Page - Linear Technology LTC4218IGN Datasheet HTML 7Page - Linear Technology LTC4218IGN Datasheet HTML 8Page - Linear Technology LTC4218IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC4218
2
4218fb
16
15
14
13
12
11
10
9
17
1
2
3
4
5
6
7
8
SENSE+
SENSE–
ISET
IMON
FB
FLT
PG
GATE
NC
VDD
UV
OV
TIMER
INTVCC
GND
SOURCE
TOP VIEW
DHC PACKAGE
16-LEAD (5mm
× 3mm) PLASTIC DFN
TJMAX = 125°C, θJA = 43°C/W
EXPOSED PAD (PIN 17) IS SUBSTRATE GND
GN PACKAGE
16-LEAD PLASTIC SSOP
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
NC
VDD
UV
OV
TIMER
INTVCC
GND
SOURCE
SENSE+
SENSE–
ISET
IMON
FB
FLT
PG
GATE
TJMAX = 150°C, θJA = 135°C/W
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (VDD) ................................. –0.3V to 35V
Input Voltages
FB, OV, UV ............................................. –0.3V to 12V
TIMER................................................... –0.3V to 3.5V
SENSE–............................ VDD – 10V or –0.3V to VDD
SENSE+............................ VDD – 10V or –0.3V to VDD
SOURCE........................................ – 5V to VDD + 0.3V
Output Voltages
ISET, IMON ................................................. –0.3V to 3V
PG, FLT .................................................. –0.3V to 35V
(Notes 1, 2)
INTVCC.................................................. –0.3V to 3.5V
GATE (Note 3)........................................ –0.3V to 35V
Operating Temperature Range
LTC4218C ................................................ 0°C to 70°C
LTC4218I .............................................–40°C to 85°C
Storage Temperature Range
DHC Package .....................................–65°C to 125°C
GN Package .......................................–65°C to 150°C
Lead Temperature (Soldering, 10 sec)
GN Package Only .............................................. 300°C
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC4218CDHC-12#PBF
LTC4218CDHC-12#TRPBF
421812
16-Lead (5mm
× 3mm) Plastic DFN
0°C to 70°C
LTC4218IDHC-12#PBF
LTC4218IDHC-12#TRPBF
421812
16-Lead (5mm
× 3mm) Plastic DFN
–40°C to 85°C
LTC4218CGN#PBF
LTC4218CGN#TRPBF
4218
16-Lead Plastic SSOP
0°C to 70°C
LTC4218IGN#PBF
LTC4218IGN#TRPBF
4218
16-Lead Plastic SSOP
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com