Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4218IGN Datasheet(PDF) 10 Page - Linear Technology

Part # LTC4218IGN
Description  Hot Swap Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4218IGN Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC4218IGN Datasheet HTML 6Page - Linear Technology LTC4218IGN Datasheet HTML 7Page - Linear Technology LTC4218IGN Datasheet HTML 8Page - Linear Technology LTC4218IGN Datasheet HTML 9Page - Linear Technology LTC4218IGN Datasheet HTML 10Page - Linear Technology LTC4218IGN Datasheet HTML 11Page - Linear Technology LTC4218IGN Datasheet HTML 12Page - Linear Technology LTC4218IGN Datasheet HTML 13Page - Linear Technology LTC4218IGN Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LTC4218
10
4218fb
R6
150k
R7
20k
ADC
R2
224k
C1
0.1
μF
R3
20k
12V
12V
4218 F01
R8
10k
R1
10
Ω
CT
0.1
μF
CL
330
μF
VOUT
12V
3A
VDD
UV
FB
PG
GND
IMON
RSET
20k
RS
2m
Ω
Q1
Si7108DN
RMON
20k
ISET
CGATE
0.01
μF
RGATE
1k
GATE SOURCE
SENSE–
SENSE+
LTC4218GN
OV
INTVCC
TIMER
FLT
+
R4
140k
R5
20k
APPLICATIONS INFORMATION
The typical LTC4218 application is in a high availability
system that uses a positive voltage supply to distribute
power to individual cards. The basic application circuit
is shown in Figure 1. External component selection is
discussed in detail in the following sections.
Figure 2. Supply Turn-On
Figure 1. 3A, 12V Card Resident Application
Turn-On Sequence
The power supply on a board is controlled by placing
an external N-channel pass transistor (Q1) in the power
path. Note the sense resistor (RS) detects current and
the capacitor (CGATE) controls gate slew rate. Resistor R1
prevents high frequency oscillations in Q1 and resistor
RGATE isolates CGATE during fast turn-off.
Several conditions must be present before the external
pass transistor can be turned on. First, the supply VDD
must exceed its undervoltage lockout level. Next, the
internally generated supply INTVCC must cross its 2.65V
undervoltage threshold. This generates a 25μs power-
on-reset pulse which clears the logic’s fault register and
initializes internal latches.
After the power-on-reset pulse, the LTC4218 will go through
the following sequence. First, the UV and OV pins must
indicate that the input power is within the acceptable range.
All of these conditions must be satisfied for a duration
of 100ms to ensure that any contact bounce during the
insertion has ended.
The pass transistor is turned on by charging up the GATE
with a 24μA charge pump generated current source
(Figure 2).
The voltage at the GATE pin rises with a slope equal to
24μA/CGATE and the supply inrush current is set at:
I
C
C
µA
INRUSH
L
GATE
=
•24
When the GATE voltage reaches the MOSFET threshold
voltage, the switch begins to turn on and the SOURCE
voltage follows the GATE voltage as it increases. Once
SOURCE reaches VDD, the GATE will ramp up until clamped
by the 6.15V zener between GATE and SOURCE.
As the SOURCE pin voltage rises, so will the FB pin which
is monitoring it. If the voltage across the current sense
resistor (RS)getstoohigh,theinrushcurrentwillbelimited
by the internal current limiting circuitry. Once the FB pin
crosses its 1.235V threshold and the GATE to SOURCE
voltage exceeds 4.2V, the PG pin will cease to pull low and
indicate that the power is good.
Turn-Off Sequence
The switch can be turned off by a variety of conditions. A
normal turn-off is initiated by the UV pin going below its
1.235V threshold. Additionally, several fault conditions will
turn off the switch. These include an input overvoltage (OV
pin) and overcurrent circuit breaker (SENSE pin). Normally,
the switch is turned off with a 250μA current pulling down
the GATE pin to ground. With the switch turned off, the
SOURCE pin voltage drops which pulls the FB pin below
t1
t2
SLOPE = 24
μA/CGATE
GATE
SOURCE
VDD + 6.15
VDD
4218 F02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com