Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4218IGN Datasheet(PDF) 14 Page - Linear Technology

Part # LTC4218IGN
Description  Hot Swap Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4218IGN Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC4218IGN Datasheet HTML 8Page - Linear Technology LTC4218IGN Datasheet HTML 9Page - Linear Technology LTC4218IGN Datasheet HTML 10Page - Linear Technology LTC4218IGN Datasheet HTML 11Page - Linear Technology LTC4218IGN Datasheet HTML 12Page - Linear Technology LTC4218IGN Datasheet HTML 13Page - Linear Technology LTC4218IGN Datasheet HTML 14Page - Linear Technology LTC4218IGN Datasheet HTML 15Page - Linear Technology LTC4218IGN Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
LTC4218
14
4218fb
Figure 7. 3.3V, 6A Card Resident Application
CT
0.1
μF
C1
0.1
μF
R5
14.7k
R6
10k
R2
17.4k
ADC
R3
3.16k
R4
10k
3.3V
RMON
20k
4218 F07
R7
10k
CL
330
μF
SENSE– GATE
SENSE+
VDD
UV
SOURCE
FB
PG
GND
IOUT
LTC4218GN
OV
INTVCC
TIMER
FLT
R1
10
Ω
RS
2m
Ω
Q1
Si7104DN
3.3V
+
RGATE
1k
CGATE
0.01
μF
VOUT
3.3V
6A
APPLICATIONS INFORMATION
After the 1.2ms timeout the FLT pin needs to pull down on
the UV pin to restart the power-up sequence.
Since the default values for overvoltage, undervoltage and
powergood thresholds for the 12V fixed version match
the requirements, no external components are required
for the UV, OV and FB pins.
The final schematic results in very few external com-
ponents. Resistor R1 (10
Ω) prevents high frequency
oscillations in Q1 while RGATE of 1k isolates CGATE during
fast turn-off. The pull-up resistor, (R2), connects to the
PG pin while the 20k (R3) converts the IMON current to a
voltage at a ratio:
V
µA
mV
mV
A
k
V
A
IMON ==
667
2
20
0 267
.
••
.
In addition, there is a 0.1μF bypass (C1) on the INTVCC
pin.
Layout Considerations
To achieve accurate current sensing, a Kelvin connection
for the sense resistor is recommended. The PCB layout
should be balanced and symmetrical to minimize wiring
errors. In addition, the PCB layout for the sense resistors
and the power MOSFETs should include good thermal
management techniques for optimal device power dissipa-
tion. A recommended PCB layout for the sense resistor
and power MOSFET is illustrated in Figure 6.
In Hot Swap applications where load currents can be 6A,
narrow PCB tracks exhibit more resistances than wider
tracks and operate at elevated temperatures. The minimum
trace width for 1oz copper foil is 0.02” per amp to make sure
the trace stays at a reasonable temperature. Using 0.03”
per amp or wider is recommended. Note that 1oz copper
exhibits a sheet resistance of about 0.5m
Ω/square. Small
resistances add up quickly in high current applications
It is also important to put C1, the bypass capacitor for the
INTVCC pin, as close as possible between the INTVCC and
GND. Place the 10
Ω resistor as close as possible to Q1.
This will limit the parasitic trace capacitance that leads to
Q1 self-oscillation.
Additional Applications
The LTC4218 has a wide operating range from 2.9V to
26.5V. The UV, OV and PG thresholds are set with a few
resistors. All other functions are independent of supply
voltage.
The last page includes a 24V application with a UV threshold
of 19.8V, an OV threshold of 28.3V and a PG threshold
of 20.75V. Figure 7 shows a 3.3V application with a UV
threshold of 2.87V, an OV threshold of 3.77V and a PG
threshold of 3.05V.
4218 F06
R1
RS
C
Q1
LTC4218
Figure 6. Recommended Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com