Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

90PF Datasheet(PDF) 7 Page - Frequency Devices, Inc.

Part # 90PF
Description  Dual Channel Programmable Filter/Amplifier Card
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

90PF Datasheet(HTML) 7 Page - Frequency Devices, Inc.

Back Button 90PF Datasheet HTML 3Page - Frequency Devices, Inc. 90PF Datasheet HTML 4Page - Frequency Devices, Inc. 90PF Datasheet HTML 5Page - Frequency Devices, Inc. 90PF Datasheet HTML 6Page - Frequency Devices, Inc. 90PF Datasheet HTML 7Page - Frequency Devices, Inc. 90PF Datasheet HTML 8Page - Frequency Devices, Inc. 90PF Datasheet HTML 9Page - Frequency Devices, Inc. 90PF Datasheet HTML 10Page - Frequency Devices, Inc. 90PF Datasheet HTML 11Page - Frequency Devices, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
90PF Slot Card
Bypass Mode
Dual Channel Programmable
Specifications @ 25ºC
Filter/Amplifier Card
7
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com
• Web Address: http://www.freqdev.com
Input Characteristics
Amplifier Characteristics
Input Impedance:
Distortion @ 1 kHz
<-100 dB typ. @ 3.0 Vrms
Differential
2 MΩ shunted by 47pF
Noise Density
14 nV/
Hz
Single Ended
1 MΩ shunted by 47pF
Coupling
AC or DC
Pre Filter Gain (No Filter)
Maximum Input Signal
±10V pk @0 dB
Gain Settings
0 to 60 dB in 5 dB steps
±0.1 dB tolerance
Input Voltage:
Signal Bandwidth
-6.0 dB @ 1.0 MHz@ +60 dB
Linear Differential
20V p-p (Gain Set at 0 dB)
Amplitude Match
±0.1 dB @ DC
Max. Safe Differential
Any Continuous value
between ±40V
Gain Accuracy@ DC
±0.1 dB
Max Safe Common Mode
Any Continuous value
between ±40V
Bias Current
1 nA typ., 2 nA max.
Post Filter Gain (No Filter)
Common Mode Rejection
Ratio with 2kΩ source
unbalance and 0 dB gain
>60 dB, dc to 50kHz
Gain Settings
Signal Bandwidth
0 to 20 dB in 1 dB steps
±0.1 dB tolerance
-6.0 dB @ 1.0 MHz
Amplitude Match
±0.1 dB @ DC
Output Characteristics
Gain Accuracy@ DC
±0.1 dB
Full Power Bandwidth
dc to 1.0 MHz
Small Signal Bandwidth
(1V pk-pk)
1.0 MHz @ -6dB
Related Output
10V p-p for RL = 50Ω
20V p-p for RL = 2kΩ
Output Protection
short circuit to Ground only
Output Impedance
50Ω
Offset Voltage
Adjustable to zero,
In 1 mV steps.
(Range ±100mV dc)
General
Cross Talk between
Channels
<-100 dB @ 1 kHz
Operating Temperature
0ºC to 50ºC
Offset Temperature Coeff.
10µV/ºC RTI
Humidity
0 to 95%, non-condensing
Slot Card Dimensions
100 x 220 mm (3U)
Weight
0.60 Lbs., (0.3 Kg.)
Ordering Information
Select Filter Option
Channel 2
90PF-H8B/L8L
Select Filter Option
Channel 1
We hope the information given here will be helpful. The information is based on data and our best knowledge, and we consider the information to
be true and accurate. Please read all statements, recommendations or suggestions herein in conjunction with our conditions of sale that applies to
all goods supplied by us. We assume no responsibility for the use of these statements, recommendations or suggestions, nor do we intend them
as a recommendation for any use which would infringe any patent or copyright.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com