Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

90PF Datasheet(PDF) 4 Page - Frequency Devices, Inc.

Part # 90PF
Description  Dual Channel Programmable Filter/Amplifier Card
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

90PF Datasheet(HTML) 4 Page - Frequency Devices, Inc.

  90PF Datasheet HTML 1Page - Frequency Devices, Inc. 90PF Datasheet HTML 2Page - Frequency Devices, Inc. 90PF Datasheet HTML 3Page - Frequency Devices, Inc. 90PF Datasheet HTML 4Page - Frequency Devices, Inc. 90PF Datasheet HTML 5Page - Frequency Devices, Inc. 90PF Datasheet HTML 6Page - Frequency Devices, Inc. 90PF Datasheet HTML 7Page - Frequency Devices, Inc. 90PF Datasheet HTML 8Page - Frequency Devices, Inc. 90PF Datasheet HTML 9Page - Frequency Devices, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
90PF Slot Card
Low Pass
Specifications
Filter Options
4
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com
• Web Address: http://www.freqdev.com
Product Model
90PF - L8EY
90PF - L8D80
90PF - L8D10
Transfer Function
8-Pole, 6-Zero
elliptic – 2.00
8-Pole, 6-Zero
constant delay
8-Pole, 6-Zero
constant delay
Tuning Range
0.1 Hz to 300 kHz
0.1 Hz to 300 kHz
0.1 Hz to 300 kHz
Theoretical Transfer
Characteristics
Appendix A
Page 25
Appendix A
Page 21
Appendix A
Page 22
Passband Ripple
(theoretical)
0.05 dB
0.10 dB
0.15 dB
Pass Band Gain
(non-inverting)
0
± 0.2 dB
0
± 0.2 dB
0
± 0.2 dB
Stop Band
Attenuation Rate
100 dB
Attenuation Rate
80 dB
Attenuation Rate
100 dB
Corner Frequency
Accuracy
fr
± 2% max. fc
± 2% max.
fc
±2% max.
Amplitude
-0.05 dB
-3 dB
-3 dB
Phase
-419
°
-306
°
-311
°
Phase Match
1
0 – 0.8fr
0.8fr - fr
±3º max.
±1.5º typ.
±4º max.
±2º typ.
0 – 0.8fc
0.8fc – fc
±2º max.
±1º typ.
±4º max.
±2º typ.
0 – 0.8fc
0.8fc – fc
±2º max.
±1º typ.
±4º max.
±2º typ.
Filter Attenuation
(theoretical)
0.5 dB
1.00 fr
3.01 dB
1.00 fc
3.01 dB
1.00 fc
3.01 dB
1.06 fr
60.0 dB
3.08 fc
80.0 dB
4.45 fc
80.0 dB
1.83 fr
80.0 dB
3.57 fc
100 dB
5.20 fc
100.0 dB
2.00 fr
Amplitude Accuracy
1
0.1 to 100 kHz
(theoretical)
0 - 0.8 fr
±0.2 dB max.
±0.1 dB typ.
0.8 fr - fr
±0.5 dB max.
±0.25 dB typ.
0 - 0.8 fc
±0.2 dB max.
±0.1 dB typ.
0.8 fc - fc
±0.4 dB max.
±0.2 dB typ.
0 - 0.8 fc
±0.2 dB max.
±0.1 dB typ.
0.8 fc - fc
±0.5 dB max.
±0.25 dB typ.
Total Harmonic
Distortion @ 1 kHz
<-100dB typ.@3Vrms
<-100dB typ.@3Vrms
<-100dB typ.@3Vrms
Broad Band Noise
(5 Hz to 2MHz)
200
µVrms typ.
200
µVrms typ.
200
µVrms typ.
Narrow Band Noise
<100nV/ Hz typ.
<100nV/ Hz typ.
<100nV/ Hz typ.
Note 1: Channel to channel match for the same transfer function set to the same frequency and operating configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com