Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

90PF Datasheet(PDF) 12 Page - Frequency Devices, Inc.

Part # 90PF
Description  Dual Channel Programmable Filter/Amplifier Card
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

90PF Datasheet(HTML) 12 Page - Frequency Devices, Inc.

Back Button 90PF Datasheet HTML 8Page - Frequency Devices, Inc. 90PF Datasheet HTML 9Page - Frequency Devices, Inc. 90PF Datasheet HTML 10Page - Frequency Devices, Inc. 90PF Datasheet HTML 11Page - Frequency Devices, Inc. 90PF Datasheet HTML 12Page - Frequency Devices, Inc. 90PF Datasheet HTML 13Page - Frequency Devices, Inc. 90PF Datasheet HTML 14Page - Frequency Devices, Inc. 90PF Datasheet HTML 15Page - Frequency Devices, Inc. 90PF Datasheet HTML 16Page - Frequency Devices, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
8-Pole, 6-Zero
Elliptic, 1.56
Low-Pass
Frequency Response
Appendix A
23
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com
∑Web Address: http://www.freqdev.com ∑
Normalized Time (1/f sec)
Normalized Time (1/f sec)
Delay (Normalized)
Step Response
Normalized Frequency(f/fc)
0.1
1.0
10.0
2
3 4 5 6 78
2
3 4 5 6 7
-100
-80
-60
-40
-20
0
0.1
1.0
2
3
4 5 6 7 8 9
0.0
2.0
4.0
1.5
0.15
0.8
0
1
2
3
4
5
-0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.Normalized Group Delay:
The above delay data is normalized to a corner frequency
of 1.0Hz.The actual delay is the normalized delay divided
by the actual corner frequency (fc).
Actual Delay =
Normalized Delay
Actual Corner Frequency (fc) in Hz
(sec)
Theoretical Transfer Characteristics
1
f/fc
(Hz)
Amp
(dB)
Phase
(deg)
Delay
4.00
5.00
6.00
7.00
2.40
2.60
2.80
3.00
3.50
1.85
1.90
1.95
2.00
2.20
1.50
1.60
1.70
1.75
1.80
1.00
1.10
1.20
1.30
1.40
0.75
0.80
0.85
0.90
0.95
0.50
0.55
0.60
0.65
0.70
8.00
9.00
10.0
0.00
0.10
0.20
0.30
0.40
-90.11
-91.82
-93.41
-84.04
-84.76
-86.45
-88.31
-88.65
-99.78
-99.97
-90.20
-85.09
-95.94
-89.31
-86.44
-84.96
-84.54
-69.11
-89.09
-85.32
-89.95
-103.5
-0.050
-10.48
-25.96
-39.45
-52.87
-0.049
-0.026
-0.001
-0.024
-0.045
-0.018
-0.003
-0.002
-0.019
-0.042
0.00
-0.001
-0.013
-0.040
-0.049
-165
-167
-168
-150
-156
-160
-163
-307
-311
-135
-139
-145
-288
-290
-292
-295
-302
-624
-453
-459
-463
-465
-414
-531
-576
-598
-614
-255
-279
-305
-335
-369
-156
-174
-192
-212
-233
0.00
-29.7
-59.8
-90.5
-122
0.005
0.004
0.003
0.022
0.014
0.009
0.007
0.069
0.057
0.048
0.041
0.029
0.158
0.126
0.117
0.110
0.087
0.265
0.211
0.174
0.156
0.147
3.062
2.043
0.814
0.493
0.348
1.264
1.388
1.557
1.767
2.111
0.972
1.016
1.064
1.116
1.178
0.823
0.829
0.844
0.865
0.904



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com