Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

90PF Datasheet(PDF) 5 Page - Frequency Devices, Inc.

Part # 90PF
Description  Dual Channel Programmable Filter/Amplifier Card
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

90PF Datasheet(HTML) 5 Page - Frequency Devices, Inc.

  90PF Datasheet HTML 1Page - Frequency Devices, Inc. 90PF Datasheet HTML 2Page - Frequency Devices, Inc. 90PF Datasheet HTML 3Page - Frequency Devices, Inc. 90PF Datasheet HTML 4Page - Frequency Devices, Inc. 90PF Datasheet HTML 5Page - Frequency Devices, Inc. 90PF Datasheet HTML 6Page - Frequency Devices, Inc. 90PF Datasheet HTML 7Page - Frequency Devices, Inc. 90PF Datasheet HTML 8Page - Frequency Devices, Inc. 90PF Datasheet HTML 9Page - Frequency Devices, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
90PF Slot Card
High Pass
Specifications
Filter Options
5
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com
• Web Address: http://www.freqdev.com
90PF - H8B
90PF - H8E
Transfer Function
8-Pole
Butterworth
8-Pole, 6-Zero
elliptic – 1.77
Tuning Range
0.1 Hz to 300 kHz
0.1 Hz to 300 kHz
Theoretical Transfer
Characteristics
Appendix A
Page 29
Appendix A
Page 37
Passband Ripple
(theoretical)
0.0 dB
±0.035 dB
Pass Band Gain
(non-inverting)
0
± 0.2dB to 100kHz
0
± 0.5dB to 400kHz
0
± 0.2dB to 100kHz
0
± 0.5dB to 400kHz
Power Bandwidth
500 kHz
500 kHz
Small Signal
Bandwidth
(-6 dB) 1 MHz
(-6 dB) 1 MHz
Stop Band
Attenuation Rate
48 dB/octave
Attenuation
80 dB
Corner Frequency
Accuracy
fc
± 2% max.
fr
± 2% max.
Amplitude
-3 dB
-0.035 dB
Phase
-360
°
-323.5
°
Phase Match
1
fc to 100 kHz
±3º max.
±1.5º typ.
fr – 1.25 fr
1.25fr to 100 kHz
±4º max.
±2º typ.
±2º max.
±1º typ.
Filter Attenuation
(theoretical)
-83 dB
0.30 fc
-80.0 dB
0.56 fr
-48 dB
0.50 fc
-60.0 dB
0.60 fr
-3.01 dB
1.00 fc
-0.03 dB
1.00 fr
-0.01 dB
1.50 fc
0.00 dB
2.00 fr
Amplitude Accuracy
1
0.1 Hz to 100 kHz
(theoretical)
fc – 1.25 fc
±0.3 dB max.
±0.15 dB typ.
1.25 fc – 400 kHz
±0.5 dB max.
fr – 1.25 fr
±0.4 dB max.
±0.2 dB typ.
1.25 fr – 400 kHz
±0.5 dB max.
Total Harmonic
Distortion @ 1 kHz
<-100dB typ. @ 3Vrms
<-100dB typ. @ 3Vrms
Broad Band Noise
(5 Hz – 2 MHz)
400
µVrms typ.
400
µVrms typ.
Narrow Band Noise
<100nV/ Hz typ.
<100nV/ Hz typ
Note 1: Channel to channel match for the same transfer function set to the same frequency and operating configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com