Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFLHP2805S/ES Datasheet(PDF) 7 Page - Crane Aerospace & Electronics.

Part # MFLHP2805S/ES
Description  MFLHP Single and Dual DC/DC Converters
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MFLHP2805S/ES Datasheet(HTML) 7 Page - Crane Aerospace & Electronics.

Back Button MFLHP2805S/ES Datasheet HTML 3Page - Crane Aerospace & Electronics. MFLHP2805S/ES Datasheet HTML 4Page - Crane Aerospace & Electronics. MFLHP2805S/ES Datasheet HTML 5Page - Crane Aerospace & Electronics. MFLHP2805S/ES Datasheet HTML 6Page - Crane Aerospace & Electronics. MFLHP2805S/ES Datasheet HTML 7Page - Crane Aerospace & Electronics. MFLHP2805S/ES Datasheet HTML 8Page - Crane Aerospace & Electronics. MFLHP2805S/ES Datasheet HTML 9Page - Crane Aerospace & Electronics. MFLHP2805S/ES Datasheet HTML 10Page - Crane Aerospace & Electronics. MFLHP2805S/ES Datasheet HTML 11Page - Crane Aerospace & Electronics.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Notes:
1. Guaranteed by design, not tested.
2. Up to 70% of the total output power is available from either output
providing the opposite output is simultaneously carrying 30% of the
total power.
3. Effect on negative Vout from 50%/50% loads to 30%/70% or 70%/30%
loads.
4. Effect on negative Vout from 50%/50% loads to 10% then 50% load
on negative Vout.
5. Unit will shut down above approximately 45V but will be undamaged
and will restart when voltage drops into normal range.
6. Recovery time is measured from application of the transient to point at
which Vout is within 1% of final value.
7. Transition time ≥ 10 μs.
8. Parallel/current share operation is not characterized for dual output
models.
Electrical Characteristics: –50°C to +100°C Tc, 28 VDC Vin, 100% load, free run, unless otherwise specified.
DUAL OUTPUT MODELS8
MFLHP2805D
MFLHP2812D
MFLHP2815D
UNITS
PARAMETER
CONDITIONS
MIN TYP MAX MIN TYP MAX MIN TYP MAX
OUTPUT VOLTAGE
TC = 25°C
+ VOUT
4.95 5.00 5.05
4.92 5.00 5.08
11.88 12.00 12.12
11.82 12.00 12.18
14.85 15.00 15.15
14.77 15.00 15.23
VDC
- VOUT
OUTPUT CURRENT2
VIN = 19 TO 40 VDC
EACH OUTPUT
0
—
11.2
0
—
16.0
0
—
5.3
0
—
7.5
0
—
4.67
0
—
6.67
A
TOTAL OUTPUT
OUTPUT POWER2
VIN = 19 TO 40 VDC
EACH OUTPUT
0
—
56
0
—
80
0
—
63
0
—
90
0
—
70
0
—
100
W
TOTAL OUTPUT
OUTPUT RIPPLE
± VOUT
10 KHZ - 2 MHZ
—
25
125 —
50
150 —
50
200
mV p-p
LINE REGULATION
VIN = 19 TO 40 VDC
+ VOUT
—
0
50
—
25
100
—
0
50
—
25
100
—
0
50
—
25
100
mV
- VOUT
LOAD REGULATION
NO LOAD TO FULL
+ VOUT
—
0
50
—
25
100
—
10
100
—
50
200
—
10
100
—
50
200
mV
- VOUT
CROSS REGULATION
TC = 25°C
SEE NOTE 3
SEE NOTE 4
—
6
8
—
7
8
—
2
4
—
2
4
—
2
4
—
2
4
%
INPUT VOLTAGE
NO LOAD TO FULL
CONTINUOUS
19
28
40
0
—
80
19
28
40
0
—
80
19
28
40
0
—
80
VDC
V
TRANSIENT 50 msec.1, 5
INPUT CURRENT
TC = 25°C
NO LOAD
—
50
120
—
9
14
—
35
70
—
50
100
—
9
14
—
35
70
—
50
100
—
9
14
—
35
70
mA
INHIBITED–INH1
INHIBITED–INH2
INPUT RIPPLE
CURRENT
10 KHZ - 10 MHZ
—
15
50 —
15
50 —
15
50
mA p-p
EFFICIENCY
TC = 25°C
BALANCED LOAD
78
80
— 83
86
— 84
87
—
%
LOAD FAULT
TC = 25°C
POWER DISSIPATION
SHORT CIRCUIT
—
15
20
—
1.5
4.0
—
15
20
—
1.5
4.0
—
15
20
—
1.5
4.0
W
m sec
RECOVERY1
STEP LOAD
RESPONSE
± VOUT
50% - 100% - 50%
TRANSIENT
—
350
450
—
1.5
3.0
—
450
700
—
1.5
3.0
—
450
700
—
1.5
3.0
mV pk
m sec
RECOVERY6
STEP LINE
RESPONSE
± VOUT
19 - 40 -19 VDC
TRANSIENT1, 7
—
250
400
—
200
300
—
250
400
—
200
300
—
250
400
—
200
300
mV pk
μs
RECOVERY1, 6
START-UP8
DELAY
—
3.5
6
—
0
25
—
3.5
6
—
0
50
—
3.5
6
—
0
50
m sec
mV pk
OVERSHOOT1
Crane Aerospace & Electronics Power Solutions
MFLHP Single and Dual DC/DC Converters
28 VOLT INPUT – 100 WATT
www.craneae.com
Page 7 of 11
Rev D - 20070703



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com