Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFLHP2805S/ES Datasheet(PDF) 11 Page - Crane Aerospace & Electronics.

Part # MFLHP2805S/ES
Description  MFLHP Single and Dual DC/DC Converters
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MFLHP2805S/ES Datasheet(HTML) 11 Page - Crane Aerospace & Electronics.

Back Button MFLHP2805S/ES Datasheet HTML 3Page - Crane Aerospace & Electronics. MFLHP2805S/ES Datasheet HTML 4Page - Crane Aerospace & Electronics. MFLHP2805S/ES Datasheet HTML 5Page - Crane Aerospace & Electronics. MFLHP2805S/ES Datasheet HTML 6Page - Crane Aerospace & Electronics. MFLHP2805S/ES Datasheet HTML 7Page - Crane Aerospace & Electronics. MFLHP2805S/ES Datasheet HTML 8Page - Crane Aerospace & Electronics. MFLHP2805S/ES Datasheet HTML 9Page - Crane Aerospace & Electronics. MFLHP2805S/ES Datasheet HTML 10Page - Crane Aerospace & Electronics. MFLHP2805S/ES Datasheet HTML 11Page - Crane Aerospace & Electronics.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
100°C NON-QML PRODUCTS, MIL-PRF-38534
ENVIRONMENTAL SCREENING
TEST PERFORMED
100°C STANDARD
NON
-QML1
100°C /ES
NON
-QML1
Pre-cap Inspection
Method 2017, 2032
yes
yes
Temperature Cycle (10 times)
Method 1010, Cond. B, -55°C to 125°C, ambient
no
yes
Constant Acceleration
Method 2001, 500 g
no
yes
Burn-in
96 hours, typical case temperature 100°C case2
no
yes
Final Electrical Test MIL-PRF-38534, Group A
Subgroups 1 and 4: +25°C case
yes
yes
Hermeticity test
Fine Leak, Method 1014, Cond. A
Gross Leak, Method 1014, Cond. C
Gross Leak, Dip (1 x 10-3)
no
no
yes
yes
yes
no
Final visual inspection
Method 2009
yes
yes
Test methods are referenced to MIL-STD-883 as determined by MIL-PRF-38534.
Notes:
1. Non-QML products do not meet all of the requirements of MIL-PRF-38534
2. Burn-in is still air with an ambient temperature designed to bring the case temperature to 100°C
Crane Aerospace & Electronics Power Solutions
MFLHP Single and Dual DC/DC Converters
MFLHP Single and Dual, Rev D - 20070703. This revision supercedes all previous releases. All technical information is believed to
be accurate, but no responsibility is assumed for errors or omissions. Interpoint reserves the right to make changes in products or
specifications without notice. MFLHP Series is a trademark of Interpoint. Copyright © 1999 - 2007 Interpoint Corporation. All rights
reserved. www.craneae.com
Page 11 of 11
28 VOLT INPUT – 100 WATT



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com