Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFLHP2805S/ES Datasheet(PDF) 2 Page - Crane Aerospace & Electronics.

Part # MFLHP2805S/ES
Description  MFLHP Single and Dual DC/DC Converters
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MFLHP2805S/ES Datasheet(HTML) 2 Page - Crane Aerospace & Electronics.

  MFLHP2805S/ES Datasheet HTML 1Page - Crane Aerospace & Electronics. MFLHP2805S/ES Datasheet HTML 2Page - Crane Aerospace & Electronics. MFLHP2805S/ES Datasheet HTML 3Page - Crane Aerospace & Electronics. MFLHP2805S/ES Datasheet HTML 4Page - Crane Aerospace & Electronics. MFLHP2805S/ES Datasheet HTML 5Page - Crane Aerospace & Electronics. MFLHP2805S/ES Datasheet HTML 6Page - Crane Aerospace & Electronics. MFLHP2805S/ES Datasheet HTML 7Page - Crane Aerospace & Electronics. MFLHP2805S/ES Datasheet HTML 8Page - Crane Aerospace & Electronics. MFLHP2805S/ES Datasheet HTML 9Page - Crane Aerospace & Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
OPERATING CONDITIONS AND CHARACTERISTICS
Input Voltage Range
• 19 to 40 VDC continuous
• 80 V for 50 msec transient
Output Power
• 80 to 100 watts depending on model
Lead Soldering Temperature (10 sec per pin)
• 300°C
Storage Temperature Range (Case)
• -65°C to +150°C
Power Dissipation (Pd) Max
• 20 watts
Case Operating Temperature (Tc)
• -55 to +100°C full power
• -55 to +135°C absolute
Derating Output Power/Current
• Linearly from 100% at 100°C to 0% at 135°C
Output Voltage Temperature Coefficient
• 100 ppm/°C typical
Input to Output Capacitance
• 150 pF typical
Current Limit
• 115% of full load typical
Isolation
• 100 megohm minimum at 500 VDC
Audio Rejection
• 50 dB typical
Conversion Frequency
• Free run mode 600 kHz typical
550 kHz min, 650 kHz. max
• External sync range 525 to 675 kHz
Inhibit Pin Voltage (unit enabled)
• INH1 = 9 to12 V, INH2 = 6 to 9 V
MECHANICAL AND ENVIRONMENTAL
Size (maximum)
3.005 x 1.505 x 0.400 inches (76.33 x 38.23 x 10.16 mm)
See case U for dimensions.
Weight (maximum)
100 grams
Screening
Standard or ES. See “100°C Non-QML Products—MIL-PRF-38534 Environmental Screening” for more information.
SYNC IN AND INHIBIT (INH1, INH2)
Sync In (525 to 675 kHz)
• Duty cycle 40% min, 60% max
• Logic low 0.8 V max
• Logic high 4.5 V min
• Referenced to input common
Sync Out - Referenced to input common
Inhibit (INH1, INH2) TTL Open Collector
• Logic low (output disabled)
Current –10 to –5 mA
INH1 referenced to input common
Logic low 0.8 V max
INH2 referenced to output common
Logic low 0.5 V max
• Logic high (output enabled)
Open collector
Crane Aerospace & Electronics Power Solutions
MFLHP Single and Dual DC/DC Converters
28 VOLT INPUT – 100 WATT
www.craneae.com
Page 2 of 11
Rev D - 20070703



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com