Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFLHP2805S/ES Datasheet(PDF) 10 Page - Crane Aerospace & Electronics.

Part # MFLHP2805S/ES
Description  MFLHP Single and Dual DC/DC Converters
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MFLHP2805S/ES Datasheet(HTML) 10 Page - Crane Aerospace & Electronics.

Back Button MFLHP2805S/ES Datasheet HTML 3Page - Crane Aerospace & Electronics. MFLHP2805S/ES Datasheet HTML 4Page - Crane Aerospace & Electronics. MFLHP2805S/ES Datasheet HTML 5Page - Crane Aerospace & Electronics. MFLHP2805S/ES Datasheet HTML 6Page - Crane Aerospace & Electronics. MFLHP2805S/ES Datasheet HTML 7Page - Crane Aerospace & Electronics. MFLHP2805S/ES Datasheet HTML 8Page - Crane Aerospace & Electronics. MFLHP2805S/ES Datasheet HTML 9Page - Crane Aerospace & Electronics. MFLHP2805S/ES Datasheet HTML 10Page - Crane Aerospace & Electronics. MFLHP2805S/ES Datasheet HTML 11Page - Crane Aerospace & Electronics.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Angled corner
indicates pin one.
1
2
3
4
5
6
12
11
10
9
8
7
0.000
0.120 (3.05)
0.250 (6.35)
0.450 (11.43)
0.650 (16.51)
0.850 (21.59)
1.050 (26.67)
1.250 (31.75)
1.380 (35.05)
1.505 (38.23) max.
0.128 dia
(3.25).
0.040 dia
(1.02)
0.23 (5.8) Lead Length
TOP VIEW CASE U
Flanged case, short-leaded
Seam Seal
Case dimensions in inches (mm)
Tolerance ±0.005 (0.13) for three decimal places
±0.01 (0.3) for two decimal places
unless otherwise specified
CAUTION
Heat from reflow or wave soldering may damage the device.
Solder pins individually with heat application not exceeding 300°C for 10 seconds per pin
Materials
Header Cold Rolled Steel/Nickel/Gold
Cover
Kovar/Nickel
Pins
#52 alloy/Nickel/Gold; compression glass seal
Case U, Rev C, 20060302
Please refer to the numerical dimensions for accuracy. All information is believed to be accurate,
but no responsibility is assumed for errors or omissions. Interpoint reserves the right to make
changes in products or specifications without notice.
Copyright © 1999-2006 Interpoint Corp. All rights reserved.
*Case U does not require designator in Case Option position of model number.
FIGURE 16: CASE U
Crane Aerospace & Electronics Power Solutions
MFLHP Single and Dual DC/DC Converter Cases
28 VOLT INPUT – 100 WATT
www.craneae.com
Page 10 of 11
Rev D - 20070703



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com