Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTR283R3S/883 Datasheet(PDF) 1 Page - Crane Aerospace & Electronics.

Part # MTR283R3S/883
Description  MTR Single, Dual and Triple DC/DC Converters
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MTR283R3S/883 Datasheet(HTML) 1 Page - Crane Aerospace & Electronics.

  MTR283R3S/883 Datasheet HTML 1Page - Crane Aerospace & Electronics. MTR283R3S/883 Datasheet HTML 2Page - Crane Aerospace & Electronics. MTR283R3S/883 Datasheet HTML 3Page - Crane Aerospace & Electronics. MTR283R3S/883 Datasheet HTML 4Page - Crane Aerospace & Electronics. MTR283R3S/883 Datasheet HTML 5Page - Crane Aerospace & Electronics. MTR283R3S/883 Datasheet HTML 6Page - Crane Aerospace & Electronics. MTR283R3S/883 Datasheet HTML 7Page - Crane Aerospace & Electronics. MTR283R3S/883 Datasheet HTML 8Page - Crane Aerospace & Electronics. MTR283R3S/883 Datasheet HTML 9Page - Crane Aerospace & Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
MTR Single, Dual and Triple DC/DC Converters
Crane Aerospace & Electronics Power Solutions
Crane Aerospace & Electronics
Electronics Group (Interpoint Brand)
PO Box 97005 • Redmond WA 98073-9705
425.882.3100 • electronics@craneae.com
www.craneae.com
Page 1 of 19
Rev G - 20060505
28 VOLT INPUT – 30 WATT
DESCRIPTION
The MTR Series™ of DC/DC converters offers up to 30 watts of
output power from single, dual, or triple output configurations. They
operate over the full military temperature range with up to 84% effi-
ciency. MTR converters are packaged in hermetically sealed metal
cases, making them ideal for use in military, aerospace and other
high reliability applications.
CONVERTER DESIGN
The MTR converters are constant frequency, pulse-width modulated
switching regulators which use a quasi-square wave, single ended,
forward converter design. Tight load regulation is maintained via
wide bandwidth magnetic feedback and, on single output models,
through use of remote sense. On dual output models, the positive
output is independently regulated and the negative output is cross
regulated through the use of tightly coupled magnetics and shunt
regulators. The MTR Series triple output DC/DC converter’s design
includes individual regulators on the auxiliary outputs which provide
for no cross regulation error when a minimum 500 mA load is main-
tained on the main (+5) output.
Indefinite short circuit protection and overload protection are
provided by a constant current-limit feature. This protective system
senses current in the converter’s secondary stage and limits it to
approximately 115% of the maximum rated output current.
MTR converters are provided with internal filtering capacitors that
help reduce the need for external components in normal operation.
For systems that require compliance with MIL-STD-461C’s CE03
standard, Interpoint offers filter/transient suppression modules
(including the FMC-461, FMD-461 and FM-704A series filters) which
will result in compliance. Contact your Interpoint representative for
further details.
SYNCHRONIZATION
Synchronizing the converter with the system clock allows the
designer to confine switching noise to clock transitions, minimizing
interference and reducing the need for filtering. In sync mode, the
converter will run at any frequency between 500 kHz and 675 kHz.
The sync control operates with a quasi-TTL signal at any duty cycle
between 40% and 60%. The sync pin must be connected to input
common pin when not in use.
FEATURES
• –55° to +125°C operation
• 16 to 40 VDC input
• Fully isolated
• Magnetic feedback
• Fixed frequency 600 kHz typical
• Topology – Single Ended Forward
• 50 V for up to 50 ms transient protection
• Inhibit and synchronization functions
• Indefinite short circuit protection
• Up to 30 watts output power
• Trim and remote sense on single output models
• Up to 84% efficiency
MODELS
VDC OUTPUT
SINGLE
3.3
5
12
15
18
DUAL
±5
±12
±15
TRIPLE
+5 & ±12
+5 & ±15


Similar Part No. - MTR283R3S/883

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
MTR283R3S/883 INTERPOINT-MTR283R3S/883 Datasheet
376Kb / 26P
MTR (40) Single, Dual and Triple DC-DC Converters
MTR283R3S/883 INTERPOINT-MTR283R3S/883 Datasheet
609Kb / 20P
MTR (50) Single and Dual DC-DC Converters
More results

Similar Description - MTR283R3S/883

ManufacturerPart #DatasheetDescription
logo
Interpion semiconductor
SMFL INTERPION-SMFL Datasheet
483Kb / 13P
Single and Dual DC/DC Converters
logo
Crane Aerospace & Elect...
MHF+283R3S CRANE-MHF+283R3S Datasheet
439Kb / 20P
MHF Single, Dual and Triple DC/DC Converters
MHV283R3S CRANE-MHV283R3S Datasheet
294Kb / 14P
MHV Single, Dual and Triple DC/DC Converters
SMRT283R3SHP CRANE-SMRT283R3SHP Datasheet
249Kb / 17P
SMRT Single, Dual and Triple DC/DC Converters
SMTR281R5SKR CRANE-SMTR281R5SKR Datasheet
1Mb / 21P
SMTR Single, Dual and Triple DC/DC Converters
logo
Interpoint Corporation ...
MHF283R3S INTERPOINT-MHF283R3S_14 Datasheet
383Kb / 23P
MHF Single, Dual and Triple DC-DC Converters
MHV283R3S INTERPOINT-MHV283R3S_15 Datasheet
330Kb / 21P
MHV Single, Dual and Triple DC-DC Converters
MTR40 INTERPOINT-MTR40 Datasheet
376Kb / 26P
MTR (40) Single, Dual and Triple DC-DC Converters
MTR50 INTERPOINT-MTR50 Datasheet
609Kb / 20P
MTR (50) Single and Dual DC-DC Converters
SMRT283R3S INTERPOINT-SMRT283R3S_16 Datasheet
1Mb / 44P
SMRT Single, Dual and Triple Space DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com