Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTR283R3S/883 Datasheet(PDF) 2 Page - Crane Aerospace & Electronics.

Part # MTR283R3S/883
Description  MTR Single, Dual and Triple DC/DC Converters
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MTR283R3S/883 Datasheet(HTML) 2 Page - Crane Aerospace & Electronics.

  MTR283R3S/883 Datasheet HTML 1Page - Crane Aerospace & Electronics. MTR283R3S/883 Datasheet HTML 2Page - Crane Aerospace & Electronics. MTR283R3S/883 Datasheet HTML 3Page - Crane Aerospace & Electronics. MTR283R3S/883 Datasheet HTML 4Page - Crane Aerospace & Electronics. MTR283R3S/883 Datasheet HTML 5Page - Crane Aerospace & Electronics. MTR283R3S/883 Datasheet HTML 6Page - Crane Aerospace & Electronics. MTR283R3S/883 Datasheet HTML 7Page - Crane Aerospace & Electronics. MTR283R3S/883 Datasheet HTML 8Page - Crane Aerospace & Electronics. MTR283R3S/883 Datasheet HTML 9Page - Crane Aerospace & Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
MTR Single, Dual and Triple DC/DC Converters
Crane Aerospace & Electronics Power Solutions
Page 2 of 19
Rev G - 20060505
www.craneae.com
28 VOLT INPUT – 30 WATT
OPERATING CONDITIONS AND CHARACTERISTICS
Input Voltage
• 16 to 40 VDC continuous
• 50 V for 50 msec transient
Output Power
• 25 to 30 watts depending on model
Lead Soldering Temperature (10 sec per pin)
• 300°C
Storage Temperature Range (Case)
• –65°C to +135°C
Case Operating Temperature (Tc)
• –55°C to +125°C full power
• –55°C to +135°C absolute
Derating Output Power/Current
• Linearly from 100% at 125°C to 0% at 135°C
Output Voltage Temperature Coefficient
• 100 ppm/°C typical single and dual outputs
• 200 ppm/°C main typical, 300 ppm/°C aux
triple output typical
Input to Output Capacitance
• 50 pF typ (100 pF typical triple outputs)
Current Limit
• 115% of full load typical
Isolation
• 100 megohm minimum at 500 V
Audio Rejection
• 40 dB typ (50 dB typical triple output)l
Conversion Frequency
• Free run 550 min, 600 typical, 650 max kHz duals and singles
Free run 525 min, 600 typical, 650 max kHz triples
• External sync 500 to 675 kHz singles and duals
External sync 500 to 700 kHz triples
MECHANICAL AND ENVIRONMENTAL
Size (maximum)
Non-flanged
Single and dual output
2.125 x 1.125 x 0.400 inches (53.98 x 28.58 x 10.16 mm) See case H2 for dimensions.
MTR Dual with standard or ES screening, ht 0.417", (10.59 mm) See Case H4 for dimensions.
Triple output
1.950 x 1.350 x 0.405 inches (49.53 x 34.29 x 10.29 mm) See case F1 for dimensions.
Flanged
Single and dual output
2.910 x 1.125 x 0.400 inches (73.91 x 28.58 x 10.16 mm) See case K3 for dimensions.
MTR Dual with standard or ES screening, ht. 0.417", (10.59 mm) See case K5 for dimensions.
Triple output
2.720 x 1.350 x 0.405 inches (69.09 x 34.29 x 10.29 mm) See case J1 for dimensions.
Weight (maximum)
Single and dual non-flanged 50 grams, flanged 52 grams
Triple non-flanged 58 grams, flanged 62 grams
Screening
Standard, ES, or /883 (Class H, QML). See “883, Class H, QML Products – Element Evaluation” and “883, Class H, QML Products – Environmental
Screening” for more information.
SYNC AND INHIBIT
Sync (500 to 675 kHz)
• Duty cycle 40% min, 60% max
• Logic low 0.8 V max
• Logic high 4.5 V min, 5 V max
• Referenced to input common
• If not used, connect to input common
Inhibit TTL Open Collector (referenced to input common)
• Logic low (output disabled), ≤0.8 V
Inhibit pin current
8.0 mA max for singles & duals,
6.0 mA for triples
• Logic high (output enabled)
Input pin voltage, unit enabled, 9 to 11 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com