Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTR283R3S/883 Datasheet(PDF) 5 Page - Crane Aerospace & Electronics.

Part # MTR283R3S/883
Description  MTR Single, Dual and Triple DC/DC Converters
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MTR283R3S/883 Datasheet(HTML) 5 Page - Crane Aerospace & Electronics.

  MTR283R3S/883 Datasheet HTML 1Page - Crane Aerospace & Electronics. MTR283R3S/883 Datasheet HTML 2Page - Crane Aerospace & Electronics. MTR283R3S/883 Datasheet HTML 3Page - Crane Aerospace & Electronics. MTR283R3S/883 Datasheet HTML 4Page - Crane Aerospace & Electronics. MTR283R3S/883 Datasheet HTML 5Page - Crane Aerospace & Electronics. MTR283R3S/883 Datasheet HTML 6Page - Crane Aerospace & Electronics. MTR283R3S/883 Datasheet HTML 7Page - Crane Aerospace & Electronics. MTR283R3S/883 Datasheet HTML 8Page - Crane Aerospace & Electronics. MTR283R3S/883 Datasheet HTML 9Page - Crane Aerospace & Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
MTR Single, Dual and Triple DC/DC Converters
Crane Aerospace & Electronics Power Solutions
Page 5 of 19
Rev G - 20060505
www.craneae.com
28 VOLT INPUT – 30 WATT
MODEL NUMBERING KEY
SMD NUMBERS
MTR
28 512 T
F / 883
Base Model
Input Voltage
Output Voltage
Screening
Number of Outputs
Case Option
("F" indicates flanged option, non-flanged
case has no designator in this position)
(S = single, D = dual, T = triple)
(Main and aux. Vout for triple models)
(Standard screening has no designator
in this position.)
STANDARD MICROCIRCUIT
DRAWING (SMD)
5962-0150101HXC
5962-9306801HXC
5962-9306901HXC
5962-9307001HXC
5962-9320201HXC
5962-9320501HXC
5962-9307101HXC
5962-9307201HXC
5962-9307301HXC
5962-9307401HXC
MTR SERIES
SIMILAR PART
MTR283R3S/883
MTR2805S/883
MTR2812S/883
MTR2815S/883
MTR2818S/883
MTR2805D/883
MTR2812D/883
MTR2815D/883
MTR28512T/883
MTR28515T/883
To indicate the flanged case option change the “X” to “Z” In the SMD
number. The SMD number shown is for Class H screening, non-
flanged. For exact specifications for an SMD product, refer to the SMD
drawing. SMDs can be downloaded from:
http://www.dscc.dla.mil/programs/smcr
Model Selection
MTR28
Base model
Vout value
number of outputs
case option
screening
Choose one from each of the following rows
Vout value
for singles or duals: 5, 12, or 15
for triples*: 512 or 515
Number of outputs
S (single)
D (dual)
or T (triple)
Case option
non-flanged case option, leave blank
F (flanged case option)
Screening
standard screening, leave blank
/ES (ES screening), /883 (Class H, QML)
* for triple output models “5” indicates the main voltage, “12” or“15” indicate the ± auxiliary voltages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com