Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTR283R3S/883 Datasheet(PDF) 4 Page - Crane Aerospace & Electronics.

Part # MTR283R3S/883
Description  MTR Single, Dual and Triple DC/DC Converters
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MTR283R3S/883 Datasheet(HTML) 4 Page - Crane Aerospace & Electronics.

  MTR283R3S/883 Datasheet HTML 1Page - Crane Aerospace & Electronics. MTR283R3S/883 Datasheet HTML 2Page - Crane Aerospace & Electronics. MTR283R3S/883 Datasheet HTML 3Page - Crane Aerospace & Electronics. MTR283R3S/883 Datasheet HTML 4Page - Crane Aerospace & Electronics. MTR283R3S/883 Datasheet HTML 5Page - Crane Aerospace & Electronics. MTR283R3S/883 Datasheet HTML 6Page - Crane Aerospace & Electronics. MTR283R3S/883 Datasheet HTML 7Page - Crane Aerospace & Electronics. MTR283R3S/883 Datasheet HTML 8Page - Crane Aerospace & Electronics. MTR283R3S/883 Datasheet HTML 9Page - Crane Aerospace & Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
MTR Single, Dual and Triple DC/DC Converters
Crane Aerospace & Electronics Power Solutions
Page 4 of 19
Rev G - 20060505
www.craneae.com
28 VOLT INPUT – 30 WATT
RL
OUTPUT
COMMON
REMOTE SENSE CONNECTION
2 Make connections at load.
MTR SINGLE OUTPUT CONVERTER
4
3
5
10
1
+VIN
INPUT
COMMON
6
SENSE
RETURN
SENSE
POSITIVE
OUTPUT
2
2
EXTERNAL TRIM CONNECTION
1 Make connections at converter.
RL
OUTPUT
COMMON
MTR SINGLE OUTPUT CONVERTER
4
3
5
10
1
+VIN
INPUT
COMMON
6
SENSE
RETURN
SENSE
POSITIVE
OUTPUT
1
RT
1
FIGURE 4: TRIM CONNECTION1, 2, 3
Notes for Remote Sense and Trim
1. When trimming output voltage and/or remote sensing, the total output
voltage increase must be less than 0.6 volts at the converters pins to
maintain specified performance.
2. If neither voltage trim nor remote sense will be used, connect pin 3 to
pin 4 and pin 5 to pin 6 or the output voltage will increase by 1.2 volts.
3. CAUTION: The converter will be permanently damaged if the positive
remote sense (pin 6) is shorted to ground. Damage may also result if
the output common or positive output is disconnected from the load with
the remote sense leads connected to the load.
Trim Formulas
Vout = desired output voltage; Rt = trim resistor
3.3V: Rt = 1300 * Vout – 4304
1.2475
5V:
Rt = 1300 * Vout – 6512
1.2475
12V: Rt = 1300 * Vout – 15631
1.2475
15V: Rt = 1300 * Vout – 19498
1.2475
FIGURE 5: REMOTE SENSE CONNECTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com