Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDC921 Datasheet(PDF) 5 Page - Texas Instruments

Part # CDC921
Description  133-MHz CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS WITH 3-STATE OUTPUTS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC921 Datasheet(HTML) 5 Page - Texas Instruments

  CDC921 Datasheet HTML 1Page - Texas Instruments CDC921 Datasheet HTML 2Page - Texas Instruments CDC921 Datasheet HTML 3Page - Texas Instruments CDC921 Datasheet HTML 4Page - Texas Instruments CDC921 Datasheet HTML 5Page - Texas Instruments CDC921 Datasheet HTML 6Page - Texas Instruments CDC921 Datasheet HTML 7Page - Texas Instruments CDC921 Datasheet HTML 8Page - Texas Instruments CDC921 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
CDC921
133-MHz CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS
WITH 3-STATE OUTPUTS
SCAS623 –MAY 27, 1999
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
functional block diagram
2*REF
14.318 MHz
(1,2)
SEL133/100
PWR_DWN
SPREAD
XOUT
XIN
SEL1
SEL0
Control
Logic
25
30
29
3-State
SEL 133/100
48-MHz Inactive
Test
Xtal
Oscillator
5
4
48 MHz
PLL
CPU
PLL
Spread
Logic
/2
/2
31
32
1*48MHz
48 MHz
(27)
3*CPU
100/133 MHz
(36,37,40)
10*PCI
33 MHz
(7,8,10,11,12,
13,15,16,18,19)
1*APIC
16.67 MHz
(46)
3*AGP (3V66)
66 MHz
(21,22,23)
/3
/4
/2
/3
/4
1*CPU_DIV2
50/66 MHz
(43)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com