Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDC921 Datasheet(PDF) 14 Page - Texas Instruments

Part # CDC921
Description  133-MHz CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS WITH 3-STATE OUTPUTS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC921 Datasheet(HTML) 14 Page - Texas Instruments

Back Button CDC921 Datasheet HTML 9Page - Texas Instruments CDC921 Datasheet HTML 10Page - Texas Instruments CDC921 Datasheet HTML 11Page - Texas Instruments CDC921 Datasheet HTML 12Page - Texas Instruments CDC921 Datasheet HTML 13Page - Texas Instruments CDC921 Datasheet HTML 14Page - Texas Instruments CDC921 Datasheet HTML 15Page - Texas Instruments CDC921 Datasheet HTML 16Page - Texas Instruments CDC921 Datasheet HTML 17Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
CDC921
133-MHz CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS
WITH 3-STATE OUTPUTS
SCAS623 –MAY 27, 1999
14
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
tr
3 V
0 V
VIH_REF
VT_REF
VIL_REF
VT_REF
VT_REF
tPLH
tPHL
tf
tw_high
tw_low
VOH
VOL
Input
Output
VOLTAGE WAVEFORMS
RL = 500 Ω
LOAD CIRCUIT for tpd and tsk
From Output
Under Test
CL
(see Note A)
RL = 500 Ω
S1
VO_REF
OPEN
GND
tPLH/tPHL
tPLZ/tPZL
tPHZ/tPZH
Open
VO_REF
GND
TEST
S1
tw
Input
3 V
0 V
VIH_REF
VT_REF
VIL_REF
From Output
Under Test
Test
Point
CL
(see Note A)
LOAD CIRCUIT FOR tr and tf
VOLTAGE WAVEFORMS
0 V
Output
Waveform 2
S1 at GND
(see Note B)
VOLTAGE WAVEFORMS
VOH
VOL
VDD
VT_REF
VT_REF
VT_REF
tPZL
tPLZ
tPHZ
tPZH
VT_REF
VOH – 0.3 V
VOL + 0.3 V
≈3 V
≈0 V
Output
Waveform 1
S1 at 6 V
(see Note B)
Output
Enable
(high-level
enabling)
NOTES: A. CL includes probe and jig capacitance. CL = 20 pF (CPUx, APIC, 48MHz, REF), CL = 30 pF (PCIx)
B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
v 14.318 MHz, ZO = 50 Ω, tr ≤ 2.5 ns,
tf ≤ 2.5 ns.
D. The outputs are measured one at a time with one transition per measurement.
PARAMETER
3.3-V INTERFACE
2.5-V INTERFACE
UNIT
VIH_REF
High-level reference voltage
2.4
2
V
VIL_REF
Low-level reference voltage
0.4
0.4
V
VT_REF
Input Threshold reference voltage
1.5
1.25
V
VO_REF
Off-state reference voltage
6
4.6
V
Figure 3. Load Circuit and Voltage Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com