Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDC921 Datasheet(PDF) 10 Page - Texas Instruments

Part # CDC921
Description  133-MHz CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS WITH 3-STATE OUTPUTS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC921 Datasheet(HTML) 10 Page - Texas Instruments

Back Button CDC921 Datasheet HTML 6Page - Texas Instruments CDC921 Datasheet HTML 7Page - Texas Instruments CDC921 Datasheet HTML 8Page - Texas Instruments CDC921 Datasheet HTML 9Page - Texas Instruments CDC921 Datasheet HTML 10Page - Texas Instruments CDC921 Datasheet HTML 11Page - Texas Instruments CDC921 Datasheet HTML 12Page - Texas Instruments CDC921 Datasheet HTML 13Page - Texas Instruments CDC921 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
CDC921
133-MHz CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS
WITH 3-STATE OUTPUTS
SCAS623 –MAY 27, 1999
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
switching characteristics, VDD = 2.375 V to 2.625 V, TA = 0°C to 85°C (continued)
CPUx
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ten1
Output enable time
SEL133/100
CPUx
f(CPU) = 100 or 133MHz
6
10
ns
tdis1
Output disable time
SEL133/100
CPUx
f(CPU) = 100 or 133MHz
8
10
ns
t
CPU clock period†
f(CPU) = 100 MHz
10
10.04
10.2
ns
tc
CPU clock period†
f(CPU) = 133 MHz
7.5
7.53
7.7
ns
Cycle to cycle jitter
f(CPU) = 100 or 133MHz
250
ps
Duty cycle
f(CPU) = 100 or 133MHz
45
55
%
tsk(o) CPU bus skew
CPUx
CPUx
f(CPU) = 100 or 133MHz
50
175
ps
tsk(p) CPU pulse skew
CPUn
CPUn
f(CPU) = 100 or 133MHz
2.2
ns
t(off)
CPU clock to APIC clock offset, rising edge
1.5
2.8
4
ns
t(off)
CPU clock to 3V66 clock offset, rising edge
0
0.75
1.5
ns
t 1
Pulse duration width high
f(CPU) = 100 MHz
2.6
4.3
ns
tw1
Pulse duration width, high
f(CPU) = 133 MHz
1.4
3.7
ns
t 2
Pulse duration width low
f(CPU) = 100 MHz
2.8
4.3
ns
tw2
Pulse duration width, low
f(CPU) = 133 MHz
1.7
4
ns
tr
Rise time
VO = 0.4 V to 2.0 V
0.4
1.5
2.2
ns
tf
Fall time
VO = 0.4 V to 2.0 V
0.4
1.4
2
ns
† The average over any 1-
µs period of time is greater than the minimum specified period.
CPU_DIV2
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ten1
Output enable time
SEL133/100
CPU_DIV2
f(CPU) = 100 or 133MHz
6
10
ns
tdis1
Output disable time
SEL133/100
CPU_DIV2
f(CPU) = 100 or 133MHz
8
10
ns
t
CPU DIV2 clock period†
f(CPU) = 100 MHz
20
20.08
20.4
ns
tc
CPU_DIV2 clock period†
f(CPU) = 133 MHz
15
15.06
15.3
ns
Cycle to cycle jitter
f(CPU) = 100 or 133MHz
250
ps
Duty cycle
f(CPU) = 100 or 133MHz
45
55
%
tsk(p) CPU_DIV2 pulse skew
f(CPU) = 100 or 133MHz
1.6
ns
t 1
Pulse duration width high
f(CPU) = 100 MHz
7.1
ns
tw1
Pulse duration width, high
f(CPU) = 133 MHz
4.7
ns
t 2
Pulse duration width low
f(CPU) = 100 MHz
7.3
8.9
ns
tw2
Pulse duration width, low
f(CPU) = 133 MHz
5
6.6
ns
tr
Rise time
VO = 0.4 V to 2.0 V
0.4
1.4
2
ns
tf
Fall time
VO = 0.4 V to 2.0 V
0.4
1.3
1.8
ns
† The average over any 1-
µs period of time is greater than the minimum specified period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com