Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDC921 Datasheet(PDF) 8 Page - Texas Instruments

Part # CDC921
Description  133-MHz CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS WITH 3-STATE OUTPUTS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC921 Datasheet(HTML) 8 Page - Texas Instruments

Back Button CDC921 Datasheet HTML 4Page - Texas Instruments CDC921 Datasheet HTML 5Page - Texas Instruments CDC921 Datasheet HTML 6Page - Texas Instruments CDC921 Datasheet HTML 7Page - Texas Instruments CDC921 Datasheet HTML 8Page - Texas Instruments CDC921 Datasheet HTML 9Page - Texas Instruments CDC921 Datasheet HTML 10Page - Texas Instruments CDC921 Datasheet HTML 11Page - Texas Instruments CDC921 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
CDC921
133-MHz CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS
WITH 3-STATE OUTPUTS
SCAS623 –MAY 27, 1999
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted) (continued)
CPUx, CPU_DIV2, APIC (Type 1)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VOH
High-level output voltage
VDD = min to max,
IOH = – 1 mA
VDD –
0.1 V
V
OH
gg
VDD = 2.375 V,
IOH = –12 mA
2
VOL
Low level output voltage
VDD = min to max,
IOL = 1 mA
0.1
V
VOL
Low-level output voltage
VDD = 2.375 V,
IOL = 12 mA
0.18
0.4
V
VDD = 2.375 V,
VO = 1 V
–26
–42
IOH
High-level output current
VDD = 2.5 V,
VO = 1.25 V
–46
mA
VDD = 2.625 V,
VO = 2.375 V
–16
–27
VDD = 2.375 V,
VO = 1.2 V
27
57
IOL
Low-level output current
VDD = 2.5 V,
VO = 1.25 V
63
mA
VDD = 2.625 V,
VO = 0.3 V
23
43
CO
Output capacitance
VDD = 3.3 V,
VO = VDD or GND
5.8
8.5
pF
ZO
Output impedance
High state
VO = 0.5 VDD,
VO/IOH
13.5
27
45
Ω
ZO
Output impedance
Low state
VO = 0.5 VDD,
VO/IOL
13.5
20
45
Ω
† All typical values are measured at their respective nominal VDD values.
48MHz, REFx (Type 3)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VOH
High-level output voltage
VDD = min to max,
IOH = – 1 mA
VDD –
0.1 V
V
OH
gg
VDD = 3.135 V,
IOH = –14 mA
2.4
VOL
Low level output voltage
VDD = min to max,
IOL = 1 mA
0.1
V
VOL
Low-level output voltage
VDD = 3.135 V,
IOL = 9 mA
0.18
0.4
V
VDD = 3.135 V,
VO = 1 V
–27
–41
IOH
High-level output current
VDD = 3.3 V,
VO = 1.65 V
–41
mA
VDD = 3.465 V,
VO = 3.135 V
–12
–23
VDD = 3.135 V,
VO = 1.95 V
29
50
IOL
Low-level output current
VDD = 3.3 V,
VO = 1.65 V
53
mA
VDD = 3.465 V,
VO = 0.4 V
20
37
CO
Output capacitance
VDD = 3.3 V,
VO = VDD or GND
4.5
7
pF
ZO
Output impedance
High state
VO = 0.5 VDD,
VO/IOH
20
40
60
Ω
ZO
Output impedance
Low state
VO = 0.5 VDD,
VO/IOL
20
31
60
Ω
† All typical values are measured at their respective nominal VDD values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com