Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDC921 Datasheet(PDF) 5 Page - Texas Instruments

Part # CDC921
Description  DIRECT RAMBUSE CLOCK GENERATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC921 Datasheet(HTML) 5 Page - Texas Instruments

  CDC921 Datasheet HTML 1Page - Texas Instruments CDC921 Datasheet HTML 2Page - Texas Instruments CDC921 Datasheet HTML 3Page - Texas Instruments CDC921 Datasheet HTML 4Page - Texas Instruments CDC921 Datasheet HTML 5Page - Texas Instruments CDC921 Datasheet HTML 6Page - Texas Instruments CDC921 Datasheet HTML 7Page - Texas Instruments CDC921 Datasheet HTML 8Page - Texas Instruments CDC921 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
CDCR81
DIRECT RAMBUS
™ CLOCK GENERATOR
SCAS606B – NOVEMBER 1998 – REVISED NOVEMBER 1999
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VDD
3.135
3.3
3.465
V
High-level input voltage, VIH (CMOS)
0.7
×VDD
V
Low-level input voltage, VIL (CMOS)
0.3
×VDD
V
Initial phase error at phase detector inputs
(required range for phase aligner)
– 0.5
×tc(PD)
0.5
×tc(PD)
REFCLK low-level input voltage, VIL
0.3
×VDDIR
V
REFCLK high-level input voltage, VIH
0.7
×VDDIR
V
Input signal low voltage, VIL (STOPB)
0.3
×VDDIPD
V
Input signal high voltage, VIH (STOPB)
0.7
×VDDIPD
V
Input reference voltage for (REFCLK) (VDDIR)
1.235
3.465
V
Input reference voltage for (PCLKM and SYSCLKN) (VDDIPD)
1.235
3.465
V
High-level output current, IOH
–16
mA
Low-level output current, IOL
16
mA
Operating free-air temperature, TA
0
85
°C
timing requirements
MIN
MAX
UNIT
Input cycle time, tc(in)
10
40
ns
Input cycle-to-cycle jitter
250
ps
Input duty cycle over 10,000 cycles
40%
60%
Input frequency modulation, fmod
30
33
kHz
Modulation index, non-linear maximum 0.5%
0.6%
Phase detector input cycle time (PCLKM and SYNCLKN)
30
100
ns
Input slew rate, SR
1
4
V/ns
Input duty cycle (PCLKM and SYNCLKN)
25%
75%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com