Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDC921 Datasheet(PDF) 2 Page - Texas Instruments

Part # CDC921
Description  DIRECT RAMBUSE CLOCK GENERATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC921 Datasheet(HTML) 2 Page - Texas Instruments

  CDC921 Datasheet HTML 1Page - Texas Instruments CDC921 Datasheet HTML 2Page - Texas Instruments CDC921 Datasheet HTML 3Page - Texas Instruments CDC921 Datasheet HTML 4Page - Texas Instruments CDC921 Datasheet HTML 5Page - Texas Instruments CDC921 Datasheet HTML 6Page - Texas Instruments CDC921 Datasheet HTML 7Page - Texas Instruments CDC921 Datasheet HTML 8Page - Texas Instruments CDC921 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
CDCR81
DIRECT RAMBUS
™ CLOCK GENERATOR
SCAS606B – NOVEMBER 1998 – REVISED NOVEMBER 1999
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description (continued)
The CDCR81 is characterized for operation over free-air temperatures of 0
°C to 85°C.
functional block diagram
Bypass MUX
Test MUX
B
A
PLL
Phase
Aligner
PACLK
PLLCLK
ByPCLK
CLK
CLKB
REFCLK
φD
SYNCLKN
PCLKM
MULT0
MULT1
2
PWRDWNB
S0
S1
S2
STOPB
FUNCTION TABLE†
MODE
S0
S1
S2
CLK
CLKB
Normal
0
0
0
Phase aligned clock
Phase aligned clock B
Bypass
1
0
0
PLLCLK
PLLCLKB
Test
1
1
0
REFCLK
REFCLKB
Output test (OE)
0
1
X
Hi-Z
Hi-Z
Reserved
0
0
1
—
—
Reserved
1
0
1
—
—
Reserved
1
1
1
Hi-Z
Hi-Z
† X = don’t care, Hi-Z = high impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com