Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDC921 Datasheet(PDF) 1 Page - Texas Instruments

Part # CDC921
Description  DIRECT RAMBUSE CLOCK GENERATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC921 Datasheet(HTML) 1 Page - Texas Instruments

  CDC921 Datasheet HTML 1Page - Texas Instruments CDC921 Datasheet HTML 2Page - Texas Instruments CDC921 Datasheet HTML 3Page - Texas Instruments CDC921 Datasheet HTML 4Page - Texas Instruments CDC921 Datasheet HTML 5Page - Texas Instruments CDC921 Datasheet HTML 6Page - Texas Instruments CDC921 Datasheet HTML 7Page - Texas Instruments CDC921 Datasheet HTML 8Page - Texas Instruments CDC921 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
CDCR81
DIRECT RAMBUS
™ CLOCK GENERATOR
SCAS606B – NOVEMBER 1998 – REVISED NOVEMBER 1999
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D 300-MHz Differential Clock Source for
Direct RAMBUS Memory Systems for an
600-MHz Data Transfer Rate
D Synchronizes the Clock Domains of the
Rambus Channel With an External System
or Processor Clock
D Three Power Operating Modes to Minimize
Power for Mobile and Other
Power-Sensitive Applications
D Operates From a Single 3.3-V Supply and
120-mW at 300 MHz (Typ)
D Packaged in a Shrink Small-Outline
Package (DBQ)
D Wide Phase-Lock Input Frequency Range
33 MHz to 100 MHz
D No External Components Required for PLL
D Supports Independent Channel Clocking
D Spread Spectrum Clocking Tracking
Capability to Reduce EMI
D Designed For Use With TI’s 133-MHz Clock
Synthesizers CDC925, CDC924, CDC922
and CDC921
description
The Direct Rambus clock generator (DRCG) provides the necessary clock signals to support a Direct Rambus
memory subsystem. It includes signals to synchronize the Direct Rambus channel clock to an external system
or processor clock. It is designed to support Direct Rambus memory on desktop, workstation, server and mobile
PC motherboards. DRCG also provides an off-the-shelf solution for a broad range of Direct Rambus memory
applications.
The DRCG provides clock multiplication and phase alignment for a Direct Rambus memory subsystem to
enable synchronous communication between the Rambus channel and ASIC clock domains. In a Direct
Rambus memory subsystem, a system clock source provides the REFCLK and PCLK clock references to the
DRCG and memory controller, respectively. The DRCG multiplies REFCLK and drives a high-speed BUSCLK
to RDRAMs and the memory controller. Gear ratio logic in the memory controller divides the PCLK and BUSCLK
frequencies by ratios M and N such that PCLK/M = SYNCLK/N, where SYNCLK = BUSCLK/4. The DRCG
detects the phase difference between PCLK/M and SYNCLK/N and adjusts the phase of BUSCLK such that
the skew between PCLK/M and SYNCLK/N is minimized. This allows data to be transferred across the
SYNCLK/PCLK boundary without incurring additional latency.
User control is provided by multiply and mode selection terminals. The multiply terminals provide selection of
one of four clock frequency multiply ratios, generating BUSCLK frequencies ranging from 267 MHz to 400 MHz
with clock references ranging from 33 MHz to 100 MHz. The CDCR81 meets Rambus Clock Generator,
Revision 1.0 specification up to 300 MHz. The mode select terminals can be used to select a bypass mode
where the frequency multiplied reference clock is directly output to the Rambus channel for systems where
synchronization between the Rambus clock and a system clock is not required. Test modes are provided to
bypass the PLL and output REFCLK on the Rambus channel and to place the outputs in a high-impedance state
for board testing.
Copyright
© 1999, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Direct Rambus and Rambus are trademarks of Rambus Inc.
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
VDDIR
REFCLK
VDDP
GNDP
GNDI
PCLKM
SYNCLKN
GNDC
VDDC
VDDIPD
STOPB
PWRDNB
S0
S1
VDDO
GNDO
CLK
NC
CLKB
GNDO
VDDO
MULT0
MULT1
S2
DBQ PACKAGE
(TOP VIEW)
NC – No internal connection


Similar Part No. - CDC921

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC921 TI-CDC921 Datasheet
235Kb / 17P
133-MHz CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS WITH 3-STATE OUTPUTS
CDC921DL TI-CDC921DL Datasheet
235Kb / 17P
133-MHz CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS WITH 3-STATE OUTPUTS
CDC921DLR TI-CDC921DLR Datasheet
235Kb / 17P
133-MHz CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS WITH 3-STATE OUTPUTS
More results

Similar Description - CDC921

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCK2011 PHILIPS-PCK2011 Datasheet
62Kb / 11P
Direct RAMbus Clock Generator
1999 Jan 19
logo
Texas Instruments
CDCR61A TI-CDCR61A Datasheet
137Kb / 10P
DIRECT RAMBUSE CLOCK GENERATOR- LITE
logo
Cypress Semiconductor
W134S CYPRESS-W134S Datasheet
198Kb / 12P
Direct Rambus Clock Generator
logo
Integrated Circuit Syst...
ICS9212-13 ICST-ICS9212-13 Datasheet
161Kb / 7P
Direct Rambus??Clock Generator
logo
Cypress Semiconductor
W134M CYPRESS-W134M_05 Datasheet
207Kb / 12P
Direct Rambus??Clock Generator
logo
Texas Instruments
CDCFR83A TI-CDCFR83A Datasheet
370Kb / 14P
DIRECT RAMBUS??CLOCK GENERATOR
CDCFR83 TI1-CDCFR83_08 Datasheet
479Kb / 15P
Direct Rambus Clock generator
CDCR61A TI1-CDCR61A_15 Datasheet
549Kb / 15P
DIRECT RAMBUSE CLOCK GENERATOR ??LITE
CDCR83A TI1-CDCR83A_14 Datasheet
564Kb / 17P
DIRECT RAMBUS??CLOCK GENERATOR
logo
Silicon Laboratories
W134 SILABS-W134 Datasheet
112Kb / 11P
Direct Rambus??Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com