Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDC921 Datasheet(PDF) 8 Page - Texas Instruments

Part # CDC921
Description  DIRECT RAMBUSE CLOCK GENERATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC921 Datasheet(HTML) 8 Page - Texas Instruments

Back Button CDC921 Datasheet HTML 4Page - Texas Instruments CDC921 Datasheet HTML 5Page - Texas Instruments CDC921 Datasheet HTML 6Page - Texas Instruments CDC921 Datasheet HTML 7Page - Texas Instruments CDC921 Datasheet HTML 8Page - Texas Instruments CDC921 Datasheet HTML 9Page - Texas Instruments CDC921 Datasheet HTML 10Page - Texas Instruments CDC921 Datasheet HTML 11Page - Texas Instruments CDC921 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
CDCR81
DIRECT RAMBUS
™ CLOCK GENERATOR
SCAS606B – NOVEMBER 1998 – REVISED NOVEMBER 1999
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
state transition latency specifications (continued)
PARAMETER
FROM
TO
TEST
CONDITIONS
MIN
TYP†
MAX
UNIT
t(ON)
Minimum time in normal mode (STOPB = 1)
before re-entering CLKSTOP (STOPB = 0)
Normal
CLK
stop
100
ms
t(DISTLOCK)
Time from when CLK/CLKB output is settled to
when the phase error between SYNCLKN and
PCLKM falls within t(ERR-PD)
Un-
locked
Locked
5
ms
PARAMETER MEASUREMENT INFORMATION
39
Ω, ±5%
68
Ω, ±5%
68
Ω, ±5%
10 pF
100 pF
39
Ω, ±5%
10 pF
RT = 28 Ω
RT = 28 Ω
Figure 1. Test Load and Voltage Definitions (VO(STOP), VO(X), VO, VOH, VOL)
CLK
CLKB
tc1
tc2
Cycle-to-cycle jitter = | tc1 – tc2| over 10000 consecutive cycles
Figure 2. Cycle-to-Cycle Jitter
CLK
CLKB
tc3
Cycle-to-cycle jitter = | tc3 – tc4| over 10000 consecutive cycles
tc4
Figure 3. Short Term Cycle-to-Cycle Jitter over 4 Cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com